Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 42Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 43Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 44Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 45Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 46Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 47Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 48Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 49Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 335 page
background image
Functional Description and Application Information
Introduction
MM912F634
Freescale Semiconductor
46
0x05
VSR
R
0
0
0
VROVC
HTC
HVC
LVC
LBC
Voltage Status Register
W
0x08
LXR
R
0
0
L5
L4
L3
L2
L1
L0
Lx Status Register
W
0x09
LXCR
R
0
0
L5DS
L4DS
L3DS
L2DS
L1DS
L0DS
Lx Control Register
W
0x10
WDR
R
WDOFF
WDWO
0
0
0
WDTO
Watchdog Register
W
0x11
WDSR
R
WDSR
Watchdog Service Register
W
0x12
WCR
R
CSSEL
L5WE
L4WE
L3WE
L2WE
L1WE
L0WE
Wake Up Control Register
W
0x13
TCR
R
FWM
CST
Timing Control Register
W
0x14
WSR
R
FWU
LINWU
L5WU
L4WU
L3WU
L2WU
L1WU
L0WU
Wake Up Source Register
W
0x15
RSR
R
0
0
WDR
EXR
WUR
LVRX
LVR
POR
Reset Status Register
W
0x16
MCR
R
00
00
00
MODE
Mode Control Register
W
0x18
LINR
R
LINOTIE
LINOTC
RX
TX
LVSD
LINEN
LINSR
LIN Register
W
0x20
PTBC1
R
0
PUEB2
PUEB1
PUEB0
0
DDRB2
DDRB1
DDRB0
Port B Configuration Register 1 W
0x21
PTBC2
R
0
0
0
0
PWMCS
PWMEN
SERMOD
Port B Config Register 2
W
0x22
PTB
R
00
00
0
PTB2
PTB1
PTB0
Port B Data Register
W
0x28
HSCR
R
HSOTIE
HSHVSD
E
PWMCS2 PWMCS1 PWMHS2 PWMHS1
HS2
HS1
High Side Control Register
W
0x29
HSSR
R
HSOTC
0
0
0
HS2CL
HS1CL
HS2OL
HS1OL
High Side Status Register
W
0x30
LSCR
R
LSOTIE
0
PWMCS2 PWMCS1 PWMLS2 PWMLS1
LS2
LS1
Low Side Control Register
W
0x31
LSSR
R
LSOTC
0
0
0
LS2CL
LS1CL
LS2OL
LS1OL
Low Side Status Register
W
0x32
LSCEN
R
00
00
LSCEN
Low-Side Control Enable
Register
W
0x38
HSR
R
HOTIE
HOTC
00
000
HSUPON
Hall Supply Register
W
Table 65. Analog die Registers(55) - 0x0200–0x02FF D2D Blocking Access (D2DI) 2 of 3/
0x0300–0x03FF D2D Non Blocking Access (D2DI) 3 of 3 (continued)
Offset
Name
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com