Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 28Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 29Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 30Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 31Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 32Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 33Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 34Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 35Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 335 page
background image
Electrical Characteristics
Dynamic Electrical Characteristics
MM912F634
Freescale Semiconductor
32
3.6.2.4.1
Master Mode
Figure 12 depicts the timing diagram for master mode with transmission format CPHA = 0.
Figure 12. SPI Master Timing (CPHA = 0)
In Figure 13 depicts the timing diagram for master mode with transmission format CPHA=1.
Figure 13. SPI Master Timing (CPHA = 1)
SCK
(Output)
SCK
(Output)
MISO
(Input)
MOSI
(Output)
SS1
(Output)
1
9
5
6
MSB IN2
Bit MSB-1…1
LSB IN
MSB OUT2
LSB OUT
Bit MSB-1… 1
11
4
4
2
10
(CPOL = 0)
(CPOL = 1)
3
13
13
1. If configured as an output.
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, bit 2... MSB.
12
12
SCK
(Output)
SCK
(Output)
MISO
(Input)
MOSI
(Output)
1
5
6
MSB IN2
Bit MSB-1… 1
LSB IN
Master MSB OUT2
Master LSB OUT
Bit MSB-1… 1
4
4
9
12
13
11
Port Data
(CPOL = 0)
(CPOL = 1)
Port Data
SS1
(Output)
2
12
13
3
1.If configured as output
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1,bit 2... MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com