Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 92Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 93Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 94Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 95Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 96Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 97Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 98Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 99Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
96
4.13.4
Functional Description
4.13.4.1
PWM Clock Select
There are four available clocks: clock A, clock B, clock SA (scaled A), and clock SB (scaled B). These four clocks are based on
the D2D clock.
Clock A and B can be software selected to be 1, 1/2, 1/4, 1/8,..., 1/64, 1/128 times the D2D clock. Clock SA uses clock A as an
input and divides it further with a reloadable counter. Similarly, clock SB uses clock B as an input and divides it further with a
reloadable counter. The rates available for clock SA are software selectable to be clock A divided by 2, 4, 6, 8,..., or 512 in
increments of divide by 2. Similar rates are available for clock SB. Each PWM channel has the capability of selecting one of two
clocks, either the pre-scaled clock (clock A or B) or the scaled clock (clock SA or SB).
The block diagram in Figure 25 shows the four different clocks and how the scaled clocks are created.
4.13.4.1.1
Prescale
The input clock to the PWM prescaler is the D2D clock. The input clock can also be disabled when both PWM channels are
disabled (PWME1-0 = 0). This is useful for reducing power by disabling the prescale counter.
Clock A and clock B are scaled values of the input clock. The value is software selectable for both clock A and clock B and has
options of 1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, or 1/128 times the D2D clock. The value selected for clock A is determined by the
PCKA2, PCKA1, PCKA0 bits in the PWMPRCLK register. The value selected for clock B is determined by the PCKB2, PCKB1,
PCKB0 bits also in the PWMPRCLK register.
4.13.4.1.2
Clock Scale
The scaled A clock uses clock A as an input and divides it further with a user programmable value and then divides this by 2.
The scaled B clock uses clock B as an input and divides it further with a user programmable value and then divides this by 2.
The rates available for clock SA are software selectable to be clock A divided by 2, 4, 6, 8,..., or 512 in increments of divide by
2. Similar rates are available for clock SB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com