Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 58Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 59Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 60Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 61Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 335 page
background image
Functional Description and Application Information
Power Supply
MM912F634
Freescale Semiconductor
62
4.4.3
Power Up Behavior / Power Down Behavior - I64
NOTE
The behavior explained is essential for the MC9S12I64 MCU die used, as this MCU does
have an internal regulator stage, but the LVR function is only active in normal mode
MC9S12I64.
The shutdown behavior should be considered when sizing the external capacitors CVDD and
CVDDX for extended low voltage operation.
To guarantee safe power up and down behavior, special dependencies are implemented to prevent unwanted MCU execution.
Figure 19 shows a standard power up and power down sequence.
Figure 19. Power Up / Down Sequence
To avoid any critical behavior, it is essential to have the MCU Power On Reset (POR) active when the analog die reset
(RESET_A) is not fully active. As the RESET_A circuity is supplied by VDDX, VDD needs to be below the POR threshold when
VDDX is to low to guarantee RESET_A active (3;6). This is achieved with the following implementation.
Power Up:
•
The VDD regulator is enabled after VDDX has reached the VLVRX threshold (1).
•
Once VDD reaches VLRV, the RESET_A is released (2).
•
The MCU is also protected by the MCU_LVR.
Power Down:
•
Once VDDX has reached the VLVRX threshold (4), the VDD regulator is disabled and the regulator output is actively
pulled down to discharge any VDD capacitance (5). RESET_A is activated as well.
•
The active discharge guarantees VDD to be below POR level before VDDX discharges below critical level for the reset
circuity.
5V
VLBI / VLVI
Normal Operating
Range (not to scale)
VLVRX
VLVR
VPOR_A
RESET_A
VDDX
VDD
VSUP
VPOR_MCU
VROVX
VROX
1
4
5
6
2
3
/ VLVR_MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com