Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 69Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 70Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 71Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 72Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 73Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 335 page
background image
Functional Description and Application Information
Resets
MM912F634
Freescale Semiconductor
71
4.7.2
Register Definition
4.7.2.1
Reset Status Register (RSR)
Reading the Reset Status register will clear the information inside. Writing has no effect. LVR and LVRX are masked when POR
or WUR are set.
Table 83. Reset Status Register (RSR)
Offset(65) 0x15
Access: User read
76
543
210
R
0
0
WDR
EXR
WUR
LVRX
LVR
POR
W
Note:
65. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 84. RSR - Register Field Descriptions
Field
Description
5 - WDR
Watchdog Reset - Reset caused by an incorrect serving of the watchdog.
4 - EXR
External Reset - Reset caused by the RESET_A pin driven low externally for > tRSTDF
3 - WUR
Wake-up Reset - Reset caused by a wake-up from Sleep mode. To determine the wake-up source, refer to Section 4.8,
“Wake-up / Cyclic Sense".
2 - LVRX
Low Voltage Reset VDDX - Reset caused by a low voltage condition monitored at the VDDX output.
1 - LVR
Low Voltage Reset VDD - Reset caused by a low voltage condition monitored at the VDD output.(66)
0 - POR
Power On Reset - Supply Voltage was below VPOR.
Note:
66. As the VDD Regulator is shutdown once a LVRX condition is detected, The actual cause could be also a low voltage condition at the
VDDX regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com