Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 99Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 100Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 101Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 102Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 103Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 104Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 105Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 106Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
103
As an example of a center aligned output, consider the following case:
Clock Source = E, where E = 10 kHz (100 µs period)
PPOLx = 0
PWMPERx = 4
PWMDTYx = 1
PWMx Frequency = 10 kHz/8 = 1.25 kHz
PWMx Period = 800 µs
PWMx Duty Cycle = 3/4 *100% = 75%
Figure 30 shows the output waveform generated.
Figure 30. PWM Center Aligned Output Example Waveform
4.13.4.2.7
PWM Boundary Cases
Table 121 summarizes the boundary conditions for the PWM, regardless of the output mode (left aligned or center aligned).
4.13.5
Resets
The reset state of each individual bit is listed within the Section 4.13.3, “Register Descriptions"”, which details the registers and
their bit-fields. All special functions or modes which are initialized during or just following reset are described within this section.
•
The 8-bit up/down counter is configured as an up counter out of reset.
•
All the channels are disabled and all the counters do not count.
4.13.6
Interrupts
The PWM module has no Interrupts.
Table 121. PWM Boundary Cases
PWMDTYx
PWMPERx
PPOLx
PWMx Output
$00
(indicates no duty)
>$00
1
Always low
$00
(indicates no duty)
>$00
0
Always high
XX
$00(87)
(indicates no period)
1
Always high
XX
$00(87)
(indicates no period)
0
Always low
>= PWMPERx
XX
1
Always high
Note:
87. Counter = $00 and does not count.
E = 100 µs
DUTY CYCLE = 75%
E = 100 µs
PERIOD = 800 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com