Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 102Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 103Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 104Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 105Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 106Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 107Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 108Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 109Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 335 page
background image
Functional Description and Application Information
Serial Communication Interface (S08SCIV4)
MM912F634
Freescale Semiconductor
106
4.15
Serial Communication Interface (S08SCIV4)
4.15.1
Introduction
4.15.1.1
Features
Features of the SCI module include:
•
Full-duplex, standard non-return-to-zero (NRZ) format
•
Double-buffered transmitter and receiver with separate enables
•
Programmable baud rates (13-bit modulo divider)
•
Interrupt-driven or polled operation:
— Transmit data register empty and transmission complete
— Receive data register full
— Receive overrun, parity error, framing error, and noise error
— Idle receiver detect
— Active edge on receive pin
— Break detect supporting LIN
•
Hardware parity generation and checking
•
Programmable 8-bit or 9-bit character length
•
Receiver wake-up by idle-line or address-mark
•
Optional 13-bit break character generation / 11-bit break character detection
•
Selectable transmitter output polarity
4.15.1.2
Modes of Operation
See Section 4.15.3, “Functional Description",” For details concerning SCI operation in these modes:
•
8- and 9-bit data modes
•
Loop mode
•
Single-wire mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com