Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 207 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 203Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 204Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 205Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 206Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 207Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 208Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 209Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 210Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 335 page
background image
Functional Description and Application Information
Background Debug Module (S12SBDMV1)
MM912F634
Freescale Semiconductor
207
Figure 67 shows a SYNC command being issued after a READ_BYTE, which aborts the READ_BYTE command. Note that, after
the command is aborted, a new command could be issued by the host computer. Figure 67 does not represent the signals in a
true timing scale
Figure 67. ACK Abort Procedure at the Command Level
Figure 68 shows a conflict between the ACK pulse and the SYNC request pulse. This conflict could occur if a POD device is
connected to the target BKGD pin and the target is already in debug active mode. Consider that the target CPU is executing a
pending BDM command at the exact moment the POD is being connected to the BKGD pin. In this case, an ACK pulse is issued
along with the SYNC command. In this case, there is an electrical conflict between the ACK speedup pulse and the SYNC pulse.
Since this is not a probable situation, the protocol does not prevent this conflict from happening.
NOTE
This information is being provided so that the MCU integrator will be aware that such a
conflict could occur.
Figure 68. ACK Pulse and SYNC Request Conflict
READ_BYTE
READ_STATUS
BKGD Pin
Memory Address
New BDM Command
New BDM Command
Host
Target
Host
Target
Host
Target
SYNC Response
From the Target
(Out of Scale)
BDM Decode
and Starts to Execute
the READ_BYTE Command
READ_BYTE CMD is Aborted
by the SYNC Request
(Out of Scale)
BDM Clock
(Target MCU)
Target MCU
Drives to
BKGD Pin
BKGD Pin
16 Cycles
Speedup Pulse
High-impedance
Host
Drives SYNC
To BKGD Pin
ACK Pulse
Host SYNC Request Pulse
At Least 128 Cycles
Electrical Conflict
Host and
Target Drive
to BKGD Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com