Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 12Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 13Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 14Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 15Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 18Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 19Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 125 page
background image
16
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The bq76PL455A is an integrated 16-cell monitor, protector, and cell balancer designed for high-reliability
industrial applications with many built-in self-diagnostic features.
Up to 16 bq76PL455A devices can be connected in series using the high-speed differential communications
interface, which has been evaluated for compliance with Bulk Current Injection (BCI) standards. This capacitor-
isolated communications link provides effective common-mode noise rejection. The bq76PL455A communicates
with the host through a high-speed UART interface. The bq76PL455A provides up to six general-purpose,
programmable, digital I/O ports, as well as eight AUX ADC inputs, typically used to monitor externally supplied
temperature sensors. Configuration of the digital I/O ports can be set to generate faults based on conditions set
in register GP_FLT_IN. Further configuration of these faults can be for an indication of a fault on the FAULT_N
output pin.
Designed for high-reliability industrial applications, the bq76PL455A includes many functional blocks and self-
diagnostic test features covering defined single-fault conditions in analog and digital blocks. The host
microcontroller receives fault notifications through a separate communications path. The device contains user-
selectable self-test features to diagnose functional blocks within the device, such as automatic shutdown in the
event of overtemperature, calibration integrity, and so forth. The Safety Manual for bq76PL455A-Q1 (SLUUB67)
is available upon request for reference to aid the user in the evaluation of the built-in test features of the
bq76PL455A.
A provided built-in secondary protection block, with two dedicated programmable comparators per cell input,
separately senses and reports overvoltage and undervoltage conditions. The comparators utilize a second
separate testable internal band gap reference.
The bq76PL455A provides pins for direct drive of external N-FETs for passive cell balancing with power
resistors. The balancing function configuration responds to on or off commands or specified to run for a specific
time.
The device is powered from the stack of cells to which it is connected and all required voltages are generated
internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com