Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 45 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 41Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 42Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 43Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 44Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 45Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 46Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 47Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 48Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 125 page
background image
45
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Note that this sequence is the same regardless of the reset source—POR, soft reset, wake tone received from
the part below.
1. External NPN regulator circuit turns on. VP, VDIG, (and VIO if connected to VP) begin to ramp up. If VIO is
supplied by an external source (such as the microcontroller I/O power supply), then VIO must be stable and
greater than its POR threshold.
2. Once VDIG reaches its POR threshold, the internal 1.8 V (internal digital supply VDD) regulator begins to
ramp up. Once VDIG reaches the POR threshold, VREF and the internal 1.8 V supply (VDD18) start up. The
reference for the VDD (1.8 V) supply is VREF, so it will not reach its final operating voltage until VREF
reaches its final voltage.
3. Once VP, VDIG, VIO, and VDD all reach their POR thresholds, the oscillator starts.
4. Once the oscillator is running, the Finite State Machine (FSM) starts up and begins sending the wake tone
out of the high-side interface (COMMH±).
5. The FSM in turn waits approximately 10 µs for the EEPROM to be ready.
6. All system registers will be loaded from EEPROM.
7. Relevant information will be propagated to the Analog die registers, except regulator power down.
8. If GPIO addressing is enabled (DEVCONFIG[ADDR_SEL] = 0), the GPIO[4:0] pins are sampled to determine
the device's communication address and recorded in ADDR.
9. Sample the internal Digital-die temperature channel. This pre-loads the value, so temperature-based
calibration will function properly. No other channels will be sampled during initialization and faults will not be
generated from them until after they are sampled.
10. Clear any masked faults that could have occurred. This includes clearing threshold-based faults that are
masked by their threshold.
11. Begin monitoring for UART communications.
12. Initialize Analog die faults. (Continue sequencing in parallel; do not wait for the following sub-sequence to
complete.)
(a) Wait until no VM fault is reported from Analog die or the user writes '1' to STATUS[SYS_INIT].
(b) Enable all Analog die fault registers.
(c) Set STATUS[SYS_INIT] = 0.
13. Wait for wakeup tone to complete.
14. Begin monitoring for differential communications.
15. Once the FAULT_SYS[SYS_RESET] fault is cleared by the host microcontroller, turn off the external NPN-
regulator circuit if the regulator is disabled (that is, DEVCONFIG[REG_DISABLE] = 1).
While the system initialization sequence above is in progress (while SYS_INIT reads '1'), many faults will not
report properly and sampling commands may not function properly. Also, note that aborting the initialization
sequence (by writing '1' to SYS_INIT) may cause the reporting of erroneous faults and sampling of Analog
channels to report invalid results until the VM voltage is up and stable.
Additionally, there is a delay associated with the enabling of the UART communications and a delay associated
with the completion of the initialization process once the VM fault clears (or the user aborts the initialization
sequence).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com