Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 71 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 67Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
71
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[2:0]
CMD_OVSMP
These bits set the number of times each ADC converted value will be averaged before
being stored. Each converted signal will be sampled the requested number of times,
averaged, and the results convergent rounded to 16 bits.
= 0
= 1
= 2
= 3
= 4
= 5
= 6–7
Single sample (no averaging)
2 samples are averaged.
4 samples are averaged.
8 samples are averaged.
16 samples are averaged.
32 samples are averaged.
Reserved, do not use this value.
7.6.3.5 ADDR 0x0A (10) Device Address
BIT
NAME
DESCRIPTION
[7:5]
RSVD
Reserved — always write as zero.
[4:0]
DEV_ADDR
These bits set the device address that the device will respond. These bits can only be written when
AUTO_ADDRESS is set to 1. Otherwise, writes to these bits are ignored. The address may also be stored
and loaded from EEPROM or using GPIO bits. See text for details.
7.6.3.6 GROUP_ID 0x0B (11) Group ID
BIT
NAME
DESCRIPTION
[7:4]
RSVD
Reserved — always write as zero.
[3:0]
GROUP_ID
These bits set the lower 4 bits of the group identifier that the device will respond to for Group Broadcast
requests. The upper 4 bits of the group identifier are fixed at 0 and cannot be changed.
7.6.3.7 DEV_CTRL 0x0C (12) Device Control
BIT
NAME
DESCRIPTION
[7]
SOFT_RESET
Writing a '1' will return the device to its reset state, causing it to rerun its initialization sequence. This bit is
self-clearing and will always return '0' when read.
[6]
PWRDN
Writing a '1' will cause the device to shut down. This is usually broadcast to the entire stack of ICs to shut
down all of the bq76PL455A devices at the same time.
[5]
STACK_WAKE
Writing a '1' will cause a wakeup tone to be sent from the high-side communication interface to the next
device up the stack.
Note that setting this bit blocks communication to devices higher in the stack until the wakeup tone
sequence is complete. The time it takes to complete the stack wake sequence is dependent on the state
and number of devices in the stack.
This bit is self-clearing and will return '1' while a wakeup tone is in process, and '0' after it has completed.
[4]
WRITE_EEPROM
Writing a '1' while MAGIC1 is set to 0x8C2DB194 and MAGIC2 is set to 0xA375E60F causes the EEPROM
to save (be programmed with) the current register values.
This bit is self-clearing and will return '1' while the programming cycle is in progress, and '0' after the
programming cycle is complete. This bit should not be written while a programming cycle is in progress.
Normal EEPROM burns require COMM_PD_PER >= 3. For COMM_PD_PER settings smaller than this,
the user should have the device perform the following steps:
1.
Set CCNT_RST_OFF = 1
2.
Set COMM_TIM_CNT = 0x1000
3.
Burn as normal
Do not write to registers while a programming cycle is in progress.
Do not shut down the device while a programming cycle is in progress.
[3]
AUTO_ADDRESS
If ADDR_SEL = 0, writing a '1' will cause the device to sample the GPIO pins and store the resulting value
in DEV_ADDR.
If ADDR_SEL = 1, writing a '1' will cause the device to enter auto addressing mode.
When ADDR_SEL = 1, this bit is self-clearing and will be set to '0' after the next frame is received, even if
that frame does not set DEV_ADDR.
When ADDR_SEL = 0 this bit is self-clearing and will always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com