Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 70 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 66Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 67Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 125 page
background image
70
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[6]
CMD_HTSEL
Analog die temperature. Usually used as part of self-testing.
[5]
CMD_V18SEL
VDD18 internal digital supply. Usually used as part of self-testing.
[4]
RSVD
Reserved — Always write a 0.
[3]
RSVD
Reserved — Always write a 0.
[2]
CMD_REFSEL
4.5-V analog die reference (window comparator ref) is included when a COMMAND is executed. This bit
selects both the 4.5-V reference and the ground output from the reference MUX. Sampling and reporting
will be 4.5 V and then ground. This command is generally used for self-testing purposes.
[1]
CMD_MODULESEL
Sum-of-cells (VMODULE) monitor is included when a COMMAND is executed. Two conversions are
performed to get this value, but only the average of the two is stored and reported.
TSTCONFIG[MODULE_MON_EN] is used to enable the MODULE measurement. When
TSTCONFIG[MODULE_MON_EN] = 0, but CMD_MODULESEL = 1, then ground will be measured. This
selection is generally used for self-testing purposes.
[0]
CMD_VMMONSEL
VM (negative supply charge pump) voltage monitor. TST_CONFIG[VM_MON_EN] is used to enable the
measurement. This selection is generally used for self-testing purposes.
7.6.3.4 OVERSMPL 0x07 (7) Command Oversampling
BIT
NAME
DESCRIPTION
[7]
CMD_OVS_CYCLE
This bit only applies to voltage and AUX averaging (oversampling).
= 0
Average channels by sampling multiple times on the same channel
before changing channel. The initial sample period for the first sample
on each channel is made per the respective ADC_PERIOD_VOL and
ADC_PERIOD_AUXx time period settings, and then each subsequent
average occurs at the respective CMD_OVS_HPER and
CMD_OVS_GPER period settings.
= 1
Average channels by cycling through all channels one sample per
channel before resampling. All voltage averages are completed before
any AUX sampling begins and then all AUX are completed before
anything else. The settling time before voltage sampling is set by
ADC_PERIOD_VOL and the settling time before AUX sampling is set
by ADC_PERIOD_AUXx.
[6:5]
CMD_OVS_HPER
= 3
CMD_OVS_HPER sets the averaging period for the:
•
Internal temperature measurement of the analog die
•
4.5-V voltage reference of the analog die
•
VM monitor
•
Sum-of-cells (VMODULE) monitor
When CMD_OVS_CYCLE = 0, this value also sets the period for the averaging on all
the cell voltage channels.
These bits must be set to 3 (0b11), which selects 12.6 µs as the average period. Other
settings are Reserved and should not be used.
[4:3]
CMD_OVS_GPER
CMD_OVS_GPER sets the averaging period for:
•
Internal temperature measurement of the digital die. Note that
although CMD_OVS_GPER bits set the timing for the internal
temperature measurement of the digital die, averaging is not used
for this measurement.
•
VDD18
When CMD_OVS_CYCLE = 0, this value also sets the period for the averaging on all
the auxiliary channels.
= 0
= 1
= 2
= 3
4.13 µs
5.96 µs
8.02 µs
12.6 µs: This setting is recommended for best accuracy in most
designs. See the Application and Implementation section for detailed
information on using other settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com