Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 77 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 76Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 77Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 78Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 79Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 80Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 125 page
background image
77
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[3:0]
COMM_TMOUTPER
This register sets the period after which the system will set the FAULT_SYS[COMM_TIMEOUT] fault if
no valid communication frames have been received.
0 = Communication timeout fault disabled
1 = 0.1 second
2 = 0.5 second
3 = 1 second
4 = 2 seconds
5 = 5 seconds
6 = 10 seconds
7 = 30 seconds
8 = 1 minutes
9 = 2 minutes
10 = 5 minutes
11 = 10 minutes
12 = 30 minutes
13 = 1 hour
14–15 = Reserved
Note: This setting should be less than the COMM_PD_PER setting, if it is necessary to trigger a fault,
and code has the time to address it before the device enters SHUTDOWN as a part of testing.
7.6.3.20 CTO_CNT 0x29–2B (41–43) Communication Timeout Counter
BIT
NAME
DESCRIPTION
[23:0]
COMM_TIM_CNT
This register sets and reports the current value of the communication timeout up-counter running from a
4-kHz clock source. This is the counter used for both COMM_PD_PER and COMM_TMOUTPER.
Writing these bits sets the current value of the communication timeout counter. Reads of this register
are only useful when CCNT_RST_OFF is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com