Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 62 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 60Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 61Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 62Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 63Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 64Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 65Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 125 page
background image
62
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.5.3.6 Broadcast Write without Response Command Frame
A Broadcast Write without Response command is indicated when FRM_TYPE = 1 and REQ_TYPE = 7 (111
binary).
In this example, the register address size is 8-bits (ADDR_SIZE = 0) and the data length written is 1 byte
(DATA_SIZE). Note that since this command is for all devices, there is no Device Address/Group ID byte in the
command frame.
No Response Frame is expected to be returned.
7
6
5
4
3
2
1
0
Command Frame Init
1
111 (binary)
0
001 (binary)
Register Address
C8
Data
12
CRC (MSB)
86
CRC (LSB)
3E
This example writes 12 (hex) into one of the Scratchpad Register bytes at address 200 (C8 hex) on all targeted
devices. See Register Details for further information on the effects of changing register values.
7.5.4 Response Frame
A Response Frame is indicated when FRM_TYPE = 0. Note that bits 6 through 0 in the Frame Initialization byte
use a different format from the Command Frame format, as described in Frame Initialization Byte.
In this example, the response data length is 3 bytes (RESP_BYTES – 1 = 2). There is support for data lengths
from 1 through 128 bytes. Since the protocol described here is for a single initiator (microcontroller) system, the
initiator is always the intended target of a Response Frame.
If a command frame targets more than one device, responses go back to the initiator first from the device at the
highest address in the targeted group, then the next highest address, and so forth until all devices in the targeted
group have responded. Each device will respond with a complete response frame, which includes a Frame
Initialization byte, one or more data bytes, and two CRC bytes.
If the command frame targets more than one device and the target register of that command frame is the
Command Register, then there may be a delay in the responses. This delay is due to the time required for the
targeted bq76PL455A devices to sample, store, and respond with their newly sampled data. The delay in the
responses will be dependent on the sampling period and channel selection configuration of each targeted device.
7
6
5
4
3
2
1
0
Response Frame Init
0
(binary)
0000010 (binary)
Data
9B
Data
8C
Data
7D
CRC (MSB)
D4
CRC (LSB)
B6
7.6 Register Maps
7.6.1 Conventions and Notations
The following conventions are in use throughout the document.
•
Keywords that refer to specific software registers are in ALL CAPITALS.
•
Each byte in a multi-byte register can be addressed individually. The format is big endian with the most-
significant byte stored in the lowest physical address. Data are returned in lowest-to-highest address order.
•
Locations marked "RESERVED" should not be written to, and always return 0.
•
Bits marked "RESERVED" or "reserved" should be written as 0, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com