Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 96 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 92Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 93Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 95Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 96Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 97Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 98Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 99Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 125 page
background image
VSENSE15
VSENSE16
VSENSE14
BAT16S_F
R16
75
Ÿ
R69
100
Ÿ
C16
Z16
6.2 V
BAT0
1
Q16
60 V
R15
75
Ÿ
R70
100 k
R88
2
NŸ
R76
C15
1
Q15
60 V
R22
100
NŸ
R89
2
NŸ
R24
100 V
1 F
BAT0
BAT15_F
BAT14_F
Z15
100 V
1 F
100
Ÿ
EQ16
100
Ÿ
EQ15
6.2 V
Copyright © 2016, Texas Instruments Incorporated
R1
100
Ÿ
To CELL2
RIN
100
Ÿ
VSENSE1
CELL1
VSENSE0
Back-to-back
signal diodes
C2
1 µF
AGND
Z1
6.2 V
C1
1 µF
D1
D2
Copyright © 2016, Texas Instruments Incorporated
96
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
Figure 27. Connecting the AGND1 and VSENSE0 Pins
8.1.1.5 VSENSE to VSENSE Connections
To ensure that the voltage between the VSENSE_ inputs (VSENSE0 to VSENSE1, VSENSE1 to VSENSE2, and
so forth) does not violate the Absolute Maximum Ratings and Recommended Operating Conditions during hot-
plug or other unusual conditions, zener diodes must be connected between the VSENSE input pins, as close as
possible to the inputs. One zener across every input is advised. The zener diodes provide overvoltage protection
and a path for inrush current during a hotplug event. Figure 28 illustrates the correct VSENSE-to-VSENSE
connection.
BAT0S is the sense point to the negative terminal of CELL1. BAT0 is the power plane for the negative terminal of the
cell stack.
Figure 28. Cell Voltage Sense Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com