Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 72 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 125 page
background image
72
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[2:0]
RSVD
Reserved — always write as zero
7.6.3.8 NCHAN 0x0D (13) Number of Channels
BIT
NAME
DESCRIPTION
[7:5]
RSVD
Reserved — always write as zero.
[4:0]
NUM_CHAN
This register sets the number of VSENSE channels (battery inputs) that will be used by the device. Unused
channels are dropped consecutively starting from channel 16.
The idle channel (the channel the MUX "rests" on between sample intervals) is set to this value.
A setting of 0 is not recommended. If 0 is set, the idle channel = VSENSE1.
This value masks cell overvoltage and undervoltage faults for unused channels and turns off the
comparators associated with the channel.
Values greater than 16 are reserved and should not be used.
7.6.3.9 DEVCONFIG 0x0E (14) Device Configuration
BIT
NAME
DESCRIPTION
[7:6]
Reserved
These bits must always be set to 0.
[5]
REG_DISABLE
0 = Internal regulator (NPN drive for VP/VDIG) is enabled. This is the normal operating mode.
1 = Internal regulator (NPN drive) is disabled. In this case, the bq76PL455A VP, VDIG, and VIO must be
externally supplied. REG_DISABLE = 1 is typically used only for some system diagnostic tests.
Regardless of the state of this bit, the regulator will always be enabled while FAULT_SYS[SYS_RESET]
= 1.
[4]
ADDR_SEL
0 = Address will be set using the GPIO inputs.
1 = Address will be set using auto addressing.
Note: Changing this bit will not change the current device address.
[3:2]
COMP_CONFIG
0 = Overvoltage (OV) and undervoltage (UV) comparators are enabled.
1 = OV comparators are enabled, UV comparators are disabled.
2 = Comparators are disabled.
3 = Reserved
[1]
COMP_HYST_EN
0 = Comparator hysteresis is disabled.
1 = Comparator hysteresis is enabled.
[0]
UNLATCHED_FAULT
0 = Faults are latched and write fault register to clear.
1 = Faults are unlatched and clear automatically.
This setting only applies to some fault registers. See individual fault register descriptions for details.
The UNLATCHED_FAULT bit should only be changed while no fault bits are set (= 1). The
latched/unlatched status of fault bits is undefined when the UNLATCHED_FAULT bit is changed while a
fault bit = 1.
7.6.3.10 PWRCONFIG (0x0F) (15) Power Configuration
BIT
NAME
DESCRIPTION
[7]
AFE_PCTL
It is strongly recommended this bit be set to 1.
Cell voltage sampling will be delayed by 100 µs every time sampling is requested, regardless of whether
or not the AFE was already powered up. This provides time for the AFE to power up and ensures that
the sampling synchronization is maintained between multiple devices.
Changes to this register may not take effect until after the next AFE sample is taken.
[6:0]
RSVD
Reserved — always write as zero.
7.6.3.11 COMCONFIG 0x10–11 (16–17) Communications Configuration
BIT
NAME
DESCRIPTION
[15:14]
RSVD
Reserved — always write/read as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com