Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 55 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 51Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 52Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 53Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 54Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 55Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 125 page
background image
55
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 6. Command, Channel Selection, and Averaging Selection Example (continued)
7
6
5
4
3
2
1
0
Data (Channel Select LSB)
00
Data (Averaging Select)
7B
CRC (MSB)
3D
CRC (LSB)
86
Notice that the DATA_SIZE field in the Frame Initialization byte is 6 (b'110). This means this Command Frame
contains six data bytes. The first data byte contains the Command for the Command Register (in this case 00).
The second through fifth data bytes contain the channel selection data, which the bq76PL455A device writes to
the Channel Select Register as part of this command. The sixth data byte contains the averaging configuration
data, which the device writes to the Averaging Register as part of this command. For more details on register
usage, refer to Register Details for details.
The expected response frame to this example command frame would contain 43 bytes: one Frame Initialization
byte, 40 data bytes (two bytes for each of the twenty selected channels), and two CRC bytes.
The content of the Channel Select Register and the Averaging Register will change. Resulting register content
will be as follows:
1. Content of Channel Select Register after command: FFFF0F00
2. Content of Averaging Register after command: 7B
7.5.3.1.2
Single Device Write with Response to Register(s) Other than Command Register
The value of the DATA_SIZE field in the Framing Initialization byte for this case is typically 001 (1 byte). The
interpretation of this value will be as the number of expected data bytes in the response frame minus one. For
instance, if the expectation were to be to read the four bytes contained in the Channel Select Register, the data
byte would contain 03 (four minus one).
Two examples follow. All examples in this section target the device at Device Address 00, which is typically the
address of a single device or the address of the lowest device in a stack of devices.
7.5.3.1.2.1
Requesting Four Bytes of Data from a Single Register
This command example requests four bytes of data, all from a single register. In the case of this example, the
four bytes will come from the Channel Select Register at address 3–6. The most-significant byte of the four-byte
register will be the first data byte in the response frame.
7
6
5
4
3
2
1
0
Command Frame Init
1
000 (binary)
0
001 (binary)
Device Address
00
Register Address
03
Data (Desired Number of Bytes – 1)
03
CRC (MSB)
68
CRC (LSB)
CD
Notice that the DATA_SIZE field in the Frame Initialization byte is 001. This means this Command Frame
contains one data byte. This data byte contains the desired number of response bytes minus one.
The response frame will contain seven bytes: one Frame Initialization byte, four data bytes, and two CRC bytes.
7.5.3.1.2.2
Requesting Multiple Bytes across Register Boundaries
It is possible to request data from multiple registers across register boundaries. When performing this type of
read, Reserved Register Addresses can also be in the block of registers being read. Reads of Reserved Register
Addresses will always return zero and one must count these bytes in the requested number of data bytes. In this
example, the request is for the data from three registers [the Channel Select Register (address 3–6), Averaging
Register (address 7), and Device Address Register (address 10)]. These registers contain six bytes of data;
however, two Reserved Register Addresses (addresses 8 and 9) lie between the Averaging Register (address 7)
and the Device Address Register (address 10), so the request must be for eight bytes of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com