Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 86 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 82Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 83Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 85Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 125 page
background image
86
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
[2:1]
RSVD
Reserved — always write/read as zero
[0]
STK_FAULT_ERR_MSK
0 = Do not mask this fault.
1 = Mask this fault.
Masked STK_FAULT_ERR is not cleared during initialization. As a result, there is an
approximately 5-µs window at startup where, if the high-side fault receiver detects more than
four falling edges, STK_FAULT_ERR will be set even though it is masked.
(1)
If the SYS_RESET_MSK is set to 1, this setting should be burned to EEPROM in order to provide useful information.
7.6.3.38 MASK_SYS 0x6A (106) System Fault Masks
BIT
NAME
DESCRIPTION
[7]
SYS_RESET_MSK(1)
For each of these bits:
0 = Do not mask this fault.
1 = Mask this fault.
[6]
COMM_TIMEOUTMSK
[5]
RSVD
Reserved — always write/read as zero
[4]
INT_TEMP_FAULT_MSK
For each of these bits:
0 = Do not mask this fault.
1 = Mask this fault.
[3]
VDIG_FAULT_MSK
[2]
VM_FAULT_MSK
[1]
VP_FAULT_MSK
[0]
VP_CLAMP_MSK
7.6.3.39 MASK_DEV 0x6B–6C (107–108) Chip Fault Masks
BIT
NAME
DESCRIPTION
[15]
USER_CKSUM_MSK
For each of these bits:
0 = Do not mask this fault.
1 = Mask this fault.
[14]
FACT_CKSUM_MSK
[13]
ANALOG_FERR_MSK
[12:0]
RSVD
Reserved — always write/read as zero
7.6.3.40 FO_CTRL 0x6E–6F (110–111) Fault Output Control
BIT
NAME
DESCRIPTION
[15]
UV_FAULT_OUT
For each of these bits:
0 = Do not include these faults in the fault output.
1 = Include these faults in the fault output.
[14]
OV_FAULT_OUT
[13]
AUXUV_FAULT_OUT
[12]
AUXOV_FAULT_OUT
[11]
CMPUV_FAULT_OUT
[10]
CMPOV_FAULT_OUT
[9]
COMM_FAULT_OUT
[8]
SYS_FAULT_OUT
[7]
CHIP_FAULT_OUT
[6]
GPI_FAULT_OUT
[5:0]
RSVD
Reserved — always write/read as zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com