Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 83 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 79Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 80Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 81Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 82Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 83Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 85Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 125 page
background image
83
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
BIT
NAME
DESCRIPTION
(1)
COMM_CLEAR causes STOP_ERR and COMM_CLEAR on base device and ABORT_L on the chips higher in the stack.
COMP_ERR_L, COMP_FLT_L, and EDGE_ERR_L faults do not occur on the base device in a stack configuration. See Protocol
Description section for more details.
[11]
EDGE_ERR_H
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A falling edge was not detected on the high-side interface by the 4th bit.
[10]
EDGE_ERR_L
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A falling edge was not detected on the low-side interface by the 4th bit.
[9]
ABORT_H
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A framing bit with value "1" was detected on the high-side differential interface.
A data byte was stopped and ignored. If this occurs on the high-side interface, it is always due to a
communication problem. Sending COMM_RESET or COMM_CLEAR to the UART interface on the
bottom chip will cause this fault on the low-side interface.
When it occurs on the high side, it may have caused this chip to fail to return its frame in a
broadcast or group response (although the microcontroller should already have detected this
before this bit was read).
[8]
ABORT_L(1)
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A framing bit with value "1" was detected on the low-side differential interface.
A data byte was stopped and ignored. ABORT_L also reads "1" on devices in a stack when a
COMM_RESET or COMM_CLEAR is sent to the UART interface on the base device of a stack.
[7]
CRC_FAULT_H
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A CRC fault has been detected on the high-side interface.
The frame was discarded. If it occurs on the high side, it may have caused this chip to fail to return
its frame in a broadcast or group response.
[6]
CRC_FAULT_L
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A CRC fault has been detected on the low-side interface (either single-ended UART or
differential VBUS).
The frame was discarded.
[5]
FRAME_ERR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': A framing error has been detected.
This indicates that the chip received a start of frame on the differential communications interface
before it had completed the prior frame.
[4]
RSVD
Reserved — always read as zero
[3]
STOP_ERR(1)
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': The UART receiver detected an invalid stop bit on the single-ended low-side interface.
This error only appears on chips using the UART interface. COMM_CLEAR and COMM_RESET
will also cause this fault.
This error is specific to the UART interface.
[2:1]
RSVD
Reserved — always read as zero
[0]
STK_FAULT_ERR
Write '1': Reset the fault condition.
Write '0': No effect
Read '1': Stack fault input (FAULTH±) is too noisy or is running at the wrong frequency.
Note: The STK_FAULT_ERR flag may not be clearable under some conditions. If a
STK_FAULT_ERR is detected, and then no more edges appear on the high-side fault pins (as
would be the case if the chip above had a fault condition), it may be impossible to clear the
STK_FAULT_ERR flag. Once proper signaling resumes on the high-side fault pin, it will again be
possible to clear this fault.
Masked STK_FAULT_ERR is not cleared during initialization. As a result, there is a approximately
5-µs window at startup where, if the high-side fault receiver detects more than four falling edges,
the STK_FAULT_ERR will be set even though it is masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com