Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 44 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 40Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 41Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 42Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 43Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 44Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 45Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 46Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 47Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
44
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
•
Internal VP regulator is on and attempting to drive the NPNB signal, but VP remains below the internal VP
POR threshold for longer than VPSD_DLY.
NOTE
Once in the SHUTDOWN state, the part must be re-awakened to continue normal
operations. See Wakeup Behavior from SHUTDOWN.
7.4.2 Wakeup
The bq76PL455A device will wake up and enter the IDLE state when either of the following conditions occurs:
•
WAKEUP pin is high
•
COMML pins receive the WAKE tone
7.4.3 Wakeup Behavior from SHUTDOWN
The WAKEUP pin can bring the part from the SHUTDOWN state to the IDLE state. It can do this in any stack
position. However, typically only the base device uses it when driven from a microcontroller. The pin is level
sensitive and is normally at a low (logic-zero) level. When the part is in SHUTDOWN and the WAKEUP pin
becomes high, the part will transition from SHUTDOWN to IDLE. After applying the high signal, the WAKEUP pin
must de-assert and then return to the low state to allow the part to enter SHUTDOWN again. Upon changing
state, the bq76PL455A will briefly transmit a differential wakeup tone on its COMMH+ and COMMH– pins to the
next higher bq76PL455A, where that device's COMML+ and COMML– pins receives it.
NOTE
The WAKEUP pin is usually kept in the de-asserted (low) state. If the pin is asserted
(high) and then the device is commanded to SHUTDOWN, it will immediately reawaken
and become IDLE. To prevent unexpected state transitions, this pin must not be floating.
Make sure that the pin does not float if the device driving the pin has no power.
The bottom (southernmost) device in the stack sends the wakeup tone out of the COMMH pins in response to
the WAKEUP pin assertion. The next device to the north receives the WAKEUP tone on its COMML pins. It
awakens, which in turn sends the WAKEUP tone to the next device above it. The WAKEUP tone propagates up
the stack in this way to wake all devices in the stack. While the part is in SHUTDOWN, the COMML pins are in
receive mode, and no transmission will occur.
7.4.4 Power-On Reset (POR) or Wakeup
The IC's state machine fully resets at wakeup. Wakeup causes the VP/VDIG output to come up, which in turn
brings up VDD18, providing power to portions of the analog circuits and to all of the core logic, including the
registers and the EEPROM. This is effectively a POR of the part. All registers are loaded with values stored in
EEPROM. Registers that are not loaded from EEPROM reset to their default values indicated in Table 7.
NOTE
Immediately following a reset for any reason, some faults are not valid (=0) until a sample
is taken. All fault bits in registers FAULT_UV, FAULT_OV, and FAULT_AUX are invalid. In
addition, bits FAULT_DEV[HREF_FAULT, HREF_GND_FAULT] are also invalid. Reading
a fault register will not cause the taking of a sample or updating of the bits. A command
must be sent to the device to sample all channels to update the above listed fault bits,
making them valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com