Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 65 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 61Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 62Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 63Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 64Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 65Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 66Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 67Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 125 page
background image
65
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Register Maps (continued)
Table 7. Register Summary (continued)
ADDR
HEX
ADDR
DECIMAL
BITS
NAME
DESCRIPTION
DEFAULT (HEX)
R/W
CSUM(3)
RAM(1)
EE(2)
5C–5D
92–93
16
FAULT_2OV
Comparator OV faults
0000(4)
N/A
R/W
N
5E–5F
94–95
16
FAULT_COM
Communication faults
0000(4)
N/A
R/W
N
60
96
8
FAULT_SYS
System fault
80(4)
N/A
R/W
N
61–62
97–98
16
FAULT_DEV
Device fault
0000(4)
N/A
R/W
N
63
99
8
FAULT_GPI
General purpose input (GPIO) fault
00(4)
N/A
R/W
N
64–67
100–103
32
RESERVED
Reserved for future use
00
—
R/W
N
68–69
104–105
16
MASK_COMM
Communications FAULT mask register
0000
0000
R/W
Y
6A
106
8
MASK_SYS
System FAULT mask register
0
00
R/W
Y
6B–6C
107–108
16
MASK_DEV
Chip FAULT mask register
0000
0000
R/W
Y
6D
109
8
RESERVED
Reserved for future use
0
—
R/W
N
6E–6F
110–111
16
FO_CTRL
FAULT output control
0000
FFC0
R/W
Y
70–77
112–119
64
RESERVED
Reserved for future use
0
—
R/W
N
78
120
8
GPIO_DIR
GPIO direction control
00
00
R/W
Y
79
121
8
GPIO_OUT
GPIO output control
00
00
R/W
Y
7A
122
8
GPIO_PU
GPIO pull-up resistor control
00
00
R/W
Y
7B
123
8
GPIO_PD
GPIO pull-down resistor control
00
00
R/W
Y
7C
124
8
GPIO_IN
GPIO input value
00
N/A
R
N
7D
125
8
GP_FLT_IN
GPIO input 0/1 FAULT assertion state
00
00
R/W
Y
7.00E–81
126–129
32
RESERVED
Reserved for future use
00
—
R/W
N
82–85
130–133
32
MAGIC1
"Magic" value enables EEPROM write
0000
0000
N/A
W
N
86–8B
134–139
48
RESERVED
Reserved for future use
00
—
R/W
N
8C
140
8
COMP_UV
Comparator undervoltage threshold
00
00
R/W
Y
8D
141
8
COMP_OV
Comparator overvoltage threshold
00
FE
R/W
Y
8E–8F
142–143
16
CELL_UV
Cell undervoltage threshold
0000
0000
R/W
Y
90–91
144–145
16
CELL_OV
Cell overvoltage threshold
0000
FFFC
R/W
Y
92–93
146–147
16
AUX0_UV
AUX0 undervoltage threshold
0000
0000
R/W
Y
94–95
148–149
16
AUX0_OV
AUX0 overvoltage threshold
0000
FFFC
R/W
Y
96–97
150–151
16
AUX1_UV
AUX1 undervoltage threshold
0000
0000
R/W
Y
98–99
152–153
16
AUX1_OV
AUX1 overvoltage threshold
0000
FFFC
R/W
Y
9A–9B
154–155
16
AUX2_UV
AUX2 undervoltage threshold
0000
0000
R/W
Y
9C–9D
156–157
16
AUX2_OV
AUX2 overvoltage threshold
0000
FFFC
R/W
Y
9E–9F
158–159
16
AUX3_UV
AUX3 undervoltage threshold
0000
0000
R/W
Y
A0–A1
160–161
16
AUX3_OV
AUX3 overvoltage threshold
0000
FFFC
R/W
Y
A2–A3
162–163
16
AUX4_UV
AUX4 undervoltage threshold
0000
0000
R/W
Y
A4–A5
164–165
16
AUX4_OV
AUX4 overvoltage threshold
0000
FFFC
R/W
Y
A6–A7
166–167
16
AUX5_UV
AUX5 undervoltage threshold
0000
0000
R/W
Y
A8–A9
168–169
16
AUX5_OV
AUX5 overvoltage threshold
0000
FFFC
R/W
Y
AA–AB
170–171
16
AUX6_UV
AUX6 undervoltage threshold
0000
00000
R/W
Y
AC–AD
172–173
16
AUX6_OV
AUX6 overvoltage threshold
0000
FFFC
R/W
Y
AE–AF
174–175
16
AUX7_UV
AUX7 undervoltage threshold
0000
00000
R/W
Y
B0–B1
176–177
16
AUX7_OV
AUX7 overvoltage threshold
0000
FFFC
R/W
Y
B2–BD
178–189
96
RESERVED
Reserved for future use
0000
—
R/W
N
BE–C5
190–197
64
LOT_NUM
Device Lot Number
00…
Factory(5)
R
N
C6–C7
198–199
16
SER_NUM
Device Serial Number
00…
Factory(5)
R
N
C8–CF
200–207
64
SCRATCH
User-defined data
00…
00…
R/W
Y
D0-D1
208–209
16
RESERVED
Reserved for future use
00
—
R/W
N
D2
210
8
VSOFFSET
ADC voltage offset correction
00
00
R/W
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com