Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 79 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 76Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 77Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 78Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 79Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 80Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 81Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 82Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 125 page
background image
79
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Sampling interval and averaging mode will affect device accuracy.
Table 9. ADC Sample Intervals, Registers 62–68
SAMPLING(1)
NOTE
PERIOD(1) µs
ADC_PERIOD_*
4.13
0
Not Recommended for
Analog Die Channels
5.96
1
8.02
2
10.0
3
12.6
4
OK
14.9
5
OK
17.4
6
OK
19.9
7
OK
24.9
8
OK
30.0
9
OK
40.1
A
OK
60.0
B
OK
100
C
OK
200
D
OK
500
E
OK
1000
F
OK
7.6.3.23 AUX_SPER 0x3F–42 (63–66) AUX Sampling Period
BIT
NAME
DESCRIPTION
[31:28]
ADC_PERIOD_AUX0
This value sets the ADC sampling interval that will be used for the specified AUX channel. See
Table 9 for settings.
[27:24]
ADC_PERIOD_AUX1
[23:20]
ADC_PERIOD_AUX2
[19:16]
ADC_PERIOD_AUX3
[15:12]
ADC_PERIOD_AUX4
[11:8]
ADC_PERIOD_AUX5
[7:4]
ADC_PERIOD_AUX6
[3:0]
ADC_PERIOD_AUX7
7.6.3.24 TEST_SPER 0x43–44 (67–68) Test Sampling Periods
BIT
NAME
DESCRIPTION
[15:12]
ADC_PERIOD_MOD
This value sets the ADC sampling interval that will be used for the Module monitor.
See Table 9 for settings.
[11:8]
RSVD
Reserved — to maintain compatibility with default configuration, the user should program these bits
to "1001" (binary).
[7:4]
ADC_PERIOD_REF
This value sets the ADC sampling interval that will be used for the 4.5-V ANALOG reference.
See Table 9 for settings.
[3:0]
ADC_PERIOD_VM
This value sets the ADC sampling interval for the VM monitor to use.
See Table 9 for settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com