Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 21Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 22Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 23Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 24Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 25Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 26Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 27Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 28Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 125 page
background image
25
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3.3.4 VSENSE Input Channels
The VSENSE input channels measure the voltages of individual cells in the range of 1 V-to-4.95 V. Each input
should connect to an external low-pass filter (LPF) to reduce noise at the input, and a Zener diode to provide
protection to the device during random hot-plug cell connection. Typical values for the LPF range from 100
Ω to
1 k
Ω, and 0.1 µF to 1 µF. Values outside this range may degrade accuracy due to system-level noise or from
excessive IR loss in the series resistor.
Tie up unused inputs to the highest-connected cell. For example, in a 14-cell system, tied to VSENSE14 are
unused inputs VSENSE15 and VSENSE16. Channels are used from lowest to highest, with VSENSE0
connected to the (–) terminal of the bottom cell.
The values returned from an ADC conversion for these channels convert to volts by:
VCELL = [(2 × VREF) / 65535] × READ_ADC_VALUE
(1)
A number of factors affect total channel measurement accuracy, including, but not limited to, variations due to IR
reflow, board-level stresses, any current leakage in external components, and the method of sampling. It is highly
recommended that the end user perform GAIN and OFFSET calibration as described in the Application and
Implementation section.
7.3.3.5 AUXn Input Channels
The AUXn input channels are used to measure external analog voltages from approximately 0 V to 5 V. A typical
use for these channels is to measure temperature using thermistors. These channels require a simple external
low-pass filter to reduce high frequency noise for best operation. The RC values correspond to the user's
application requirements.
The values returned from an ADC conversion for these channels convert to volts by:
VAUX = [(2 × VREF) / 65535] × READ_ADC_VALUE
(2)
7.3.3.6 VMODULE Measurement Result Conversion to Voltage
VMODULE is the voltage measured from the TOP pin to GND. The value scales by 25 with an internal resistor
voltage divider. Setting TSTCONFIG[MODULE_MON_EN] enables measuring of VMODULE voltage. Enable or
disable the measurement to aid with self-testing. When set to 0, the channel should measure close to 0 V.
The values returned from an ADC conversion for this channel converts to volts by:
VMODULE = ([(2 × VREF) / 65535] × READ_ADC_VALUE) × 25
(3)
7.3.3.7 Digital Die Temperature Measurement
The temperature of the digital die may be measured as a part of the normal ADC measurement sequence by
setting bit CHANNELS[CMD_TSEL]. The reported result is the voltage from the temperature sensor, not the
actual temperature.
No averaging is ever performed on this channel, but the timing will appear as if the requested oversampling was
performed.
FAULT_SYS[INT_TEMP_FAULT] is continuously updated based on the currently stored measurement result and
threshold. To allow clearing of the fault, sample the temperature within a normal operating range.
Conversion formula:
Internal Digital Die Temperature °C = (VADC – 2.287) × 131.944
(4)
7.3.3.7.1
Automatic Temperature Sampling
After initialization is complete, an internal timer will cause the digital-die temperature sensor sampling to be
scheduled once per second. No oversampling is performed. If a command cycle occurs that samples the digital
die temperature sensor, the timer resets. A command will interrupt an automatic temperature sample, but if the
command does not sample the digital die temperature, the automatic temperature sample will occur as soon as
the command completes. This can cause sample values to appear to change without a sample request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com