Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 56 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 52Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 53Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 54Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 55Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 125 page
background image
56
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
Command Frame Init
1
000 (binary)
0
001 (binary)
Device Address
01
Register Address
03
Data (Desired Number of Bytes - 1)
07
CRC (MSB)
38
CRC (LSB)
CE
NOTE
The DATA_SIZE field in the Frame Initialization byte is 1, indicating that this command
frame contains a single data byte. This data byte indicates the number of desired bytes in
the response (minus one).
The response frame will contain eleven bytes: one Frame Initialization byte, eight data
bytes, and two CRC bytes.
7.5.3.2 Single Device Write without Response Command Frame
A Single Device Write without Response command is indicated when FRM_TYPE = 1 and REQ_TYPE = 1. In
this example, the register address size is 8-bits (ADDR_SIZE = 0) and the data length written is 1 byte
(DATA_SIZE). No Response Frame is expected to be returned.
The command in the example writes a single byte value to the Averaging Register (address 7).
For the purpose of this example, assume the following start conditions:
1. Content of Averaging Register before command: 00
7
6
5
4
3
2
1
0
Command Frame Init
1
001 (binary)
0
001 (binary)
Device Address
03
Register Address
07
Data (New Data for Target Register)
05
CRC (MSB)
1E
CRC (LSB)
CF
The content of the Averaging Register will change. Resulting Averaging Register content will be: 05.
To write more than one byte to the bq76PL455A, the DATA_SIZE field in the Frame Initialization byte should be
updated and additional data bytes added to the command frame. A single command frame of this type can write
up to eight, data bytes.
7.5.3.3 Group_Write_With_Response Command Frame
There are several different ways to format the Group Write with Response command frame, and the
interpretation of the data bytes will be different depending on the command frame configuration.
The Group Write with Response, which targets the Command register (address 2), has several different
configurations. These configurations also differ from the two configurations of the Group Write with Response
when it is targeted to a register other than the Command register. Primary examples of these different
configurations are in the following sections.
It is important to note that devices in defined Groups must consist of devices with consecutive addresses. The
device with the lowest address should be located closest to the host (that is, higher addresses should be located
higher in the stack). Devices will respond to Group Write with Response command frames in order of decreasing
address. If an address does not exist, the device will stop the responses. The recommendation is to have a
group in which devices only have contiguous addresses. To establish Group IDs, program the Group ID Register
(address 11) of all devices in a specific group to the same value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com