Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 25Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 26Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 27Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 28Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 29Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 30Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 31Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 32Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 125 page
background image
VIO
VP
VIO
VP
VIO
VP
TMS-570
MICROCONTROLLER
3.3 V / 5 V
LDO
VDD
DC BLOCKING CAPACITORS
(ISOLATION)
TWO CAPACITORS FOR
ENHANCED SAFETY
TWISTED PAIR WIRING
29
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 17. Simplified Stack Communications Connectivity
7.3.10.1 Differential Communications
The bq76PL455A uses two differential communications links, which perform different tasks. The hardware used
for the transmitters and receivers are similar. The communications link used for data and commands (the vertical
bus or VBUS) on the COMML+/– and COMMH+/– pairs is bidirectional, while the FAULTH+/– pins are receivers
only, and the FAULTL+/– are transmitters only.
NOTE
The UART receiver (RX), COMMH+/– transmitters, and COMML+/– receivers cannot be
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com