Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 13Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 14Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 15Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 18Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 19Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 20Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 125 page
background image
Registers
Control
Squeeze
Resistors
Threshold Set
NPN Regulator
EQ
Control
WinComp
OSC
MUX
OV DAC
UV DAC
10 V ALWAYS ON
4.5V
VREF
5.3 V REF
NPN PROTECT
VP CLAMP
1k
2.5V
VREF
LPF
RX
ADC
MUX
ADC
Registers
I/O
TSD
OV
UV
OV
UV
OV
UV
OV
UV
VDIG
VP
VIO
VDD18
V5VAO
ANALOG DIE
DIGITAL DIE
VDD18
TX
TX / RX
TX / RX
V5VAO
VDIG
Charge
Pump
VDIG
VP
VM
HIGHEST
CELL
EEPROM
VREG1.8
5 V
ALWAYS
ON
Comms
Interface
AUX0
AUX7
FAULTH-
FAULTH+
FAULTL-
FAULTL+
COMMH-
COMMH+
COMML-
COMML+
WAKEUP
RX
TX
POR
VP POR
V5VAO POR
1.8V POR
VIO POR
VDIG POR
POR
VP POR
VDIG POR
VM POR
Temp
Sensor
AFE
VSENSE0
EQ1
VSENSE1
VSENSE2
EQ2
VSENSE15
EQ16
VSENSE16
Temp
Sensor
Checksum
Engine
EEC Decoder
AUX Pullup
AUXPUEN
Digital
Comparators
Stack
Monitor
VTOP
AGND
NPN PROTECT
!
TSD
!
WAKE
WAKEUP
V5VAO
Wakeup
Control
Registers
Control
WAKEUP
WAKE
Copyright © 2016, Texas Instruments Incorporated
17
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Block Descriptions
7.3.1.1 Power
The bq76PL455A operates from internally generated regulated voltages. The group of cells monitoring the device
is the source for the internal regulators. Power comes from the most-positive and most-negative pins of the
series-connected cells to minimize the likelihood of cell unbalancing. In most applications, the bq76PL455A
operates using its internal supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com