Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 20Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 21Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 22Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 23Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 24Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 25Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 26Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 27Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 125 page
background image
24
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Oversampling (averaging) is not available for this measurement.
(2)
TSTCONFIG[MODULE_MON_EN] determines whether 2 conversions or 1 conversion takes place.
Table 2. Channel Sample Period Settings
CHANNEL
FIRST SAMPLE
OTHER SAMPLES (AVERAGING)
CMD_OVS_CYCLE=0
CMD_OVS_CYCLE=1
VSENSEn (n=1..16)
ADC_PERIOD_VOL
CMD_OVS_HPER
ADC_PERIOD_VOL
AUXn (n=0..7)
ADC_PERIOD_AUXn
CMD_OVS_GPER
ADC_PERIOD_AUXn
DIGITAL DIE TEMP(1)
Approximately 50 µs
n/a
n/a
ANALOG DIE TEMP
ADC_PERIOD_TEMP
CMD_OVS_HPER
CMD_OVS_HPER
VDD18
Approximately 30 µs
CMD_OVS_GPER
CMD_OVS_GPER
ANALOG DIE VREF
ADC_PERIOD_REF
CMD_OVS_HPER
CMD_OVS_HPER
MODULE MONITOR(2)
ADC_PERIOD_MON
CMD_OVS_HPER
CMD_OVS_HPER
VM
ADC_PERIOD_VM
CMD_OVS_HPER
CMD_OVS_HPER
(1)
Sampling periods and averaging mode will affect device accuracy. Device accuracy and register settings (including the sampling period)
used to achieve stated device accuracy are specified under "Electrical Characteristics, ADC" in Analog-to-Digital Converter (ADC):
Analog Front End. Other settings are possible. Device accuracy is not assured at settings other than those specified in the Electrical
Characteristics tables.
(2)
Other register settings used: OVERSMPL = 0x7B; PWRCONFIG = 0x80
(3)
This is not a programmable parameter. No averaging is performed, but there is an inherent delay in the design for the ADC
measurement of the die temperature.
The ADC_PERIOD_VOL bits set the period between ADC samples for the indicated channels whether
oversampling or not. When CMD_OVS_CYCLE = 1, the oversampling period of the Cell and AUX channels
remains
fixed
at
the
single
sample
period
of
CELL_SPER[ADC_PERIOD_VOL]
and
AUX_SPER[ADC_PERIOD_AUX], respectively. Otherwise, if CMD_OVS_CYCLE = 0, then the oversample
period for the Cell channels is set by bits CMD_OVS_HPER and for the AUX channels is CMD_OVS_GPER.
CMD_OVS_HPER must be programmed to 12.6 µs and CMD_OVS_GPER can be programmed between 4.13
µs and 12.6 µs in the OVERSMPL register.
After the initial sample period performed per a single sample, oversampling on all other channels are at the
CMD_OVS_GPER and CMD_OVS_HPER period settings as indicated in Table 2.
Writing to the CMD register is used to start the voltage sampling process. This is usually done with a
BROADCAST Write_With_Response_Command sent to the CMD register. Using the BROADCAST version of
the synchronously sample channels command will result in all devices in the stack sampling at the same time.
That is, all devices begin sampling their respective cells, then AUX, and so on, simultaneously.
7.3.3.3 Recommended Sample Periods
Refer to Table 3 for initial recommended settings. Other settings are possible; see the Application and
Implementation section for additional information.
Table 3. ADC Recommended Sample Periods and Setup
MEASURED
PARAMETER
PERIOD (1)
PERIOD REGISTER(2)
1st SAMPLE
SAMPLES 2–8
NAME
AS SHIPPED
VCELL
60 µs
12.6 µs
CELL_SPER
0xBC
VAUX
12.6 µs
12.6 µs
AUX_SPER
0x44444444
VMODULE
1000 µs
12.6 µs
TEST_SPER
0xF999
Die Temp (ANL)
100 µs
12.6 µs
CELL_SPER
0xBC
Die Temp (DIG)
50 µs(3)
N/A
N/A
N/A
VM
30 µs
12.6 µs
TEST_SPER
0xF999
VDD18
30 µs
12.6 µs
N/A
N/A
REF2
30 µs
12.6 µs
TEST_SPER
0xF999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com