Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 37Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 38Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 39Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 40Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 41Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 42Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 43Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 44Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 125 page
background image
41
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
CAUTION
Using the Squeeze function under open wire conditions and with a broken connection
to the external Zener may cause internal device damage to occur.
It is highly recommended to run all diagnostic tests on the bq76PL455A after correction of the open wire
condition. Pay special attention to the validation of the window comparator accuracy against the AFE accuracy to
ensure parametric compliance. In the event of non-compliance, remove the affected bq76PL455A device from
service immediately.
In the example in Figure 24, the Squeeze resistor is enabled for (across) VSENSEn-1 to VSENSEn. This will
cause the apparent voltage seen by the comparators for cell n–1 and cell n+1 to increase. For the cell voltage of
cell n, which in this example is approximately 3.6 V, there will be an additional drop on the internal lines going to
the window-comparator block (but not to the AFE) of (3.6 V / 5K × 100 × 2) = approximately 144 mV. This will
also show up as an increase of approximately 72 mV on the cells above and below the cell being squeezed.
Larger input resistors, such as 1 kΩ, will dominate this error source and may result in unexpected trips of the
window comparators, depending on the threshold settings, and will change the manner in which the calculations
suggested in this example are made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com