Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 90 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 90Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 91Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 92Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 93Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 125 page
background image
90
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.63 AUX5_OV 0xA8–A9 (168–169) AUX5 Overvoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
OV_THRES_AUX5
This register contains the overvoltage threshold that will be used for the AUX5 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.64 AUX6_UV 0xAA–AB (170–171) AUX6 Undervoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
UV_THRES_AUX6
This register contains the undervoltage threshold that will be used for the AUX6 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.65 AUX6_OV 0xAC–AD (172–173) AUX6 Overvoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
OV_THRES_AUX6
This register contains the overvoltage threshold that will be used for the AUX6 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.66 AUX7_UV 0xAE–AFB (174–175) AUX7 Undervoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
UV_THRES_AUX7
This register contains the undervoltage threshold that will be used for the AUX7 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.67 AUX7_OV 0xB0–B1 (176–177) AUX7 Overvoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
OV_THRES_AUX7
This register contains the overvoltage threshold that will be used for the AUX7 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.68 LOT_NUM 0xBE–C5 (190–197) Device Lot Number
BIT
NAME
DESCRIPTION
[63:0]
LOT_NUM(x)
Device lot number
7.6.3.69 SER_NUM 0xC6–C7 (198–199) Device Serial Number
BIT
NAME
DESCRIPTION
[15:0]
SERIAL_NUM
Device serial number
7.6.3.70 SCRATCH 0xC8–CF (200–207) Scratch Registers
BIT
NAME
DESCRIPTION
[63:0]
SCRATCH(x)
This register contains user-defined data (for example, post-assembly calibration coefficients) that can
be written and read by the host microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com