Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 10Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 11Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 12Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 13Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 14Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 15Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 125 page
background image
10
12
14
16
18
20
22
24
26
28
30
±40
±20
0
20
40
60
80
100
120
T
A (ƒC)
C005
10
12
14
16
18
20
22
24
26
28
30
±40
±20
0
20
40
60
80
100
120
T
A (ƒC)
C006
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
±40
±20
0
20
40
60
80
100
120
T
A (ƒC)
0.5 V
4.95 V
C003
±3
±2
±1
0
1
2
3
0
1
2
3
4
5
AUX Voltage (V)
C004
±5
±4
±3
±2
±1
0
1
2
3
4
5
±40
±20
0
20
40
60
80
100
120
T
A (ƒC)
1.5 V
3.6 V
4.5 V
C001
±3
±2
±1
0
1
2
3
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Cell Voltage (V)
C002
14
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.23 Typical Characteristics
The following conditions apply: Typical Operating Circuit, VTOP = 60 V, 16 cells, TA = 25°C (unless otherwise noted)
Figure 1. Cell Voltage Measurement Error
Versus Ambient Temperature
Figure 2. Cell Voltage Measurement Error
Versus Cell Voltage
Figure 3. AUX Measurement Error
Versus Ambient Temperature
Figure 4. AUX Measurement Error Versus AUX Voltage
Figure 5. Overvoltage Comparator Error
Versus Ambient Temperature
Figure 6. Undervoltage Comparator Error
Versus Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com