Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 95 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 91Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 92Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 93Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 95Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 96Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 97Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 98Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 125 page
background image
CELL16
100
Ÿ
100
Ÿ
TOP
VSENSE16
To CELL15
VSENSE15
Back-to-back
signal diodes
0.1 µF
100
Ÿ
1 µF
1 µF
6.2 V
Copyright © 2016, Texas Instruments Incorporated
90 V
95
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
8.1.1.3 TOP and VSENSE16 Pins
To ensure that the voltage between TOP and VSENSE16 does not violate the Absolute Maximum Ratings and
Recommended Operating Conditions during hot-plug or other unusual conditions, connect the VSENSE16 input
(and any unused SENSE inputs) to the TOP pin using two back-to-back signal diodes. Select diodes with a high
enough current rating to withstand the continuous currents during a wire disconnect and the inrush currents
during hot plug. Use diodes that have a higher Vf, such as an ultra-fast or fast diode. Low Vf diodes, such as
Schottkey diodes, must not be used because noise on the TOP pin may couple onto the VSENSE16 pin (or
highest-sense line used).
The TOP input must also include a low-pass filter using a 0.1-µF capacitor and a 100-Ω to 300-Ω resistor to
avoid voltage stress during cell connection (hot-plug). Figure 26 illustrates the correct VSENSE-TOP connection.
Additionally, connect a transient suppression diode (TVS) to TOP to clamp the voltage to below 88 V and prevent
an overvoltage condition on TOP during hot-plug and other transient events.
Figure 26. Connecting the TOP and VSENSE16 Pins
8.1.1.4 AGND1 and VSENSE0 Pins
To ensure that the voltage between VSENSE0 and AGND1 does not violate the Absolute Maximum Ratings and
Recommended Operating Conditions during hot-plug or other unusual conditions, connect the VSENSE0 input to
the AGND1 pin using two back-to-back signal diodes. Select diodes with high enough current rating to withstand
the continuous currents during a wire disconnect and the inrush currents during hot plug. Use diodes that have a
higher Vf, such as an ultra-fast or fast diode. Low Vf diodes, such as Schottkey diodes, must not be used
because noise on AGND may couple onto the VSENSE0 input. Additionally, connect a 1-µF capacitor between
VSENSE0 and AGND1. Figure 27 illustrates the correct VSENSE0-to-AGND1 connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com