Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 52 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 48Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 49Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 50Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 51Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 52Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 53Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 54Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 55Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 125 page
background image
52
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
n
DINn
CRC15:0
n
DINn
CRC15:0
n
DINn
CRC15:0
0
1
1000_0000_0000_0000
16
1
0010_0001_1100_1001
32
0
0100_1010_0001_0101
1
0
0100_0000_0000_0000
17
1
0011_0000_1110_0101
33
1
0000_0101_0000_1011
2
0
0010_0000_0000_0000
18
1
0011_1000_0111_0011
34
1
0010_0010_1000_0100
3
0
0001_0000_0000_0000
19
0
1011_1100_0011_1000
45
1
1001_0001_0100_0010
4
1
1000_1000_0000_0000
20
0
0101_1110_0001_1100
36
1
1100_1000_1010_0001
5
0
0100_0100_0000_0000
21
0
0010_1111_0000_1110
37
0
1100_0100_0101_0001
6
0
0010_0010_0000_0000
22
0
0001_0111_1000_0111
38
0
1100_0010_0010_1001
7
1
1001_0001_0000_0000
23
0
1010_1011_1100_0010
39
0
1100_0001_0001_0101
8
1
1100_1000_1000_0000
24
1
1101_0101_1110_0001
40
1
0100_0000_1000_1011
9
1
1110_0100_0100_0000
25
0
1100_1010_1111_0001
41
1
0000_0000_0100_0100
10
0
0111_0010_0010_0000
26
1
0100_0101_0111_1001
42
1
1000_0000_0010_0010
11
0
0011_1001_0001_0000
27
0
1000_0010_1011_1101
43
1
1100_0000_0001_0001
12
0
0001_1100_1000_1000
28
0
1110_0001_0101_1111
44
0
1100_0000_0000_1001
13
0
0000_1110_0100_0100
29
0
1101_0000_1010_1110
45
0
1100_0000_0000_0101
14
0
0000_0111_0010_0010
30
0
0110_1000_0101_0111
46
1
0100_0000_0000_0011
15
0
0000_0011_1001_0001
31
0
1001_0100_0010_1010
47
1
0000_0000_0000_0000
There are many good sources for algorithms and efficient techniques for generating and checking CRCs
available on the Internet. The following byte-oriented C language routine has been developed and verified as a
reference. The only complication needed to take into account using this function is that the low byte of the CRC
value returned is the CRC (MSB) and the high byte is the CRC (LSB).
Uint16 crc_16_ibm(uint8 *buf, uint16 len) {
uint16 crc = 0;
uint16 j;
while (len--) {
crc ^= *buf++;
for (j = 0; j < 8 8; j++)
crc = (crc >> 1) ^ ((crc & 1) ? 0xa001 : 0);
}
return crc;
}
7.5.3 Transaction Frame Examples
To illustrate the various Command and Response formats, examples of representative transaction-frame types
are presented in the following paragraphs. All numeric values are in hexadecimal unless otherwise noted. The
CRC values in the examples are correct and the implementer can use them to verify the CRC algorithm. Unless
specifically noted otherwise, all examples use 8-bit register addressing.
Additional communication examples with matched command and response frames are in the bq76PL455A-Q1
Software Design Reference (SLVA617).
Command Frames fall into two general categories:
1. Command frames that generate one or more response frames
2. Command frames that do not generate response frames
The REQ_TYPE field in the Frame Initialization byte determines the category to which a command frame
belongs. Category 1 contains the Single Device Write with Response, Group Write with Response, and
Broadcast Write with Response request types. Category 2 contains the Single Device Write without Response,
Group Write without Response, and Broadcast Write without Response request types.
Command frames that generate response frames, may generate more than one response frame. This depends
on the specific command frame and the number of devices addressed by the command frame. In the case where
more than one response frame is received in response to a single command frame, each response frame will be
a complete frame containing the Frame Initialization, Data, and CRC bytes. A single device will not respond with
more than a single-response frame in response to any single-command frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com