Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 88 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 85Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 90Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 91Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 125 page
background image
88
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.48 COMP_UV 0x8C (140) Comparator Undervoltage Threshold
BIT
NAME
DESCRIPTION
[7:1]
CMP_UV_THRES
These bits set the comparator undervoltage-threshold value in 25-mV steps. The range is determined
by the CMP_TST_SHF_UV bit.
[0]
CMP_TST_SHF_UV
This bit sets the operating range for the undervoltage comparators.
0 = Normal range of 0.7 V to 3.875 V
1= Shifted range of 2.0 V to 5.175 V (used for self-test purposes)
7.6.3.49 COMP_OV 0x8D (141) Comparator Overvoltage Threshold
BIT
NAME
DESCRIPTION
[7:1]
CMP_OV_THRES
These bits set the comparator overvoltage-threshold value in 25-mV steps. The range is determined
by the CMP_TST_SHF_OV bit.
[0]
CMP_TST_SHF_OV
This bit sets the operating range for the undervoltage comparators.
0 = Normal range of 2.0 V to 5.175 V
1= Shifted range of 0.7 V to 3.875 V (used for self-test purposes).
7.6.3.50 CELL_UV 0x8E–8F (142–143) Cell Undervoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
UV_THRES_CELL
This register sets the upper 14 bits of the 16-bit undervoltage threshold value that will be used for all
of the ADC cell voltage measurements. This is a scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.51 CELL_OV 0x90–91 (144–145) Cell Overvoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
OV_THRES_CELL
This register sets the overvoltage threshold value that will be used for all of the ADC cell voltage
measurements. This is a scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.52 AUX0_UV 0x92–93 (146–147) AUX0 Undervoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
UV_THRES_AUX0
This register contains the undervoltage threshold that will be used for the AUX0 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.53 AUX0_OV 0x94–95 (148–149) AUX0 Overvoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
OV_THRES_AUX0
This register contains the overvoltage threshold that will be used for the AUX0 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero
7.6.3.54 AUX1_UV 0x96–97 (150–151) AUX1 Undervoltage Threshold
BIT
NAME
DESCRIPTION
[15:2]
UV_THRES_AUX1
This register contains the undervoltage threshold that will be used for the AUX1 samples. This is a
scaled offset-binary value from 0 V to 5 V.
[1:0]
RSVD
Reserved — always write/read as zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com