Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 23Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 24Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 25Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 26Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 27Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 28Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 29Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 30Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 125 page
background image
27
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
If CBCONFIG[BAL_CONTINUE] is set to '0', then when there is a FAULT the bq76PL455A disables balancing.
The CBENBL register bits clear to indicate this event. However, there is one exception. The USER checksum
fault indicated by FALUT_DEV[USER_CKSUM_FLT] does not disable balancing. The following describes the
scenarios:
•
BAL_CONTINUE = 0: CBENBL is set to 0 and balancing is disabled until the fault and fault status bits are
cleared. Information about what was being balanced is discarded. No change is made to the BAL_TIME bits
in CBCONFIG. The CBENBL register must then be rewritten with the desired balancing action.
•
BAL_CONTINUE = 1: There is no effect on CBENBL and CBCONFIG and any balancing in progress
continues.
Changing the CBENBL register will create a checksum fault and cause FAULT_DEV[USER_CKSUM_ERR] to be
set. This may be a result of setting bits to enable balancing for cells, or the register being reset, because of a
fault or CBTIME expiring.
The internal balancing control circuitry only powers up when any bit in CBENBL is set. See Passive Cell
Balancing Circuit section for details on selecting the external passive balancing components.
7.3.8 General Purpose Input-Outputs (GPIO)
There are six GPIO pins available in the bq76PL455A. Registers GPIO_xxx, located at addresses 0x78–7D,
control GPIO behavior. Each can be programmed to be an input or output pin.
Each GPIO pin can have an internal pull-up or pull-down resistor enabled to keep the pin in a known state when
power is not on for external circuitry. Configuration for pull-up or pull-down resistors is in the GPIO_PU and
GPIO_PD registers. The pull-up/down resistors have internal connections to supply VIO. The resistor values are
in the Digital Input/Output: Wakeup section of the Electrical Characteristics tables.
The GPIOs can also trigger a FAULT condition. Programmed GPIOs trigger a FAULT indication by setting bits in
register GPIO_FLT_IN.
The FAULT_GPI register and the DEVCONFIG[UNLATCHED_FAULT] bit controls the behavior of the device in
response to a FAULT triggered by an enabled GPIO pin. The usual pin configuration is to be an input in the
GPIO_DIR register when used to trigger faults.
7.3.9 UART Interface to Host Microcontroller
The UART follows the standard serial protocol of 8-N-1, where it sends information as a START bit, followed by
eight data bits, and then followed by one STOP bit. In all, 10 bits comprise a character time. Received data bits
are oversampled by 16 times to improve communication reliability.
The UART sends data on the TX pin and receives data on the RX pin. When the transmitter is idling (not sending
data), TX = 1. The RX input pin idles in the same state, RX = 1. Hold the RX line high using a pull-up to VIO, if
not used (that is, non-base device in the daisy chain). Do not allow the RX pin to float when VIO is present.
7.3.9.1 UART Transmitter
The transmitter can be configured to wait a specified amount of time after the last bit reception and start of
transmission using the TX_HOLDOFF register. The TX_HOLDOFF register specifies the number of bit periods
that the bq76PL455A will wait to allow time for the microcontroller to switch the bus direction at the end of its
transmission.
7.3.9.2 UART Receiver
The UART interface design works in half-duplex. As a result, while the device is transmitting data on the TX pin,
it ignores RX. To avoid collisions when sending data up the daisy-chain interface, the host microcontroller should
wait until it receives all bytes of a transmission from the device to the microcontroller before attempting to send
data or commands up the daisy-chain interface. If the microcontroller starts a transaction without waiting to
receive the preceding transaction's response, the communication might hang up and the microcontroller may
need to send Communication Clear (see Communication Clear (Break) Detection) or Communication Reset (see
Communication Reset Detection) to restore normal communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com