Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 92 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 90Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 91Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 92Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 93Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 95Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
92
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.77 AX4OFFSET 0xDC–DD (220–221) AUX4 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET4
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET4 / 216). See Section AUX Channel Post-Assembly
Calibration Adjustment for details. It can be used to compensate for offsets induced by the user
design or PCB mounting.
7.6.3.78 AX5OFFSET 0xDE–DF (222–223) AUX5 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET5
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET5 / 216). See text for details. It can be used to
compensate for offsets induced by the user design or PCB mounting.
7.6.3.79 AX6OFFSET 0xE0-E1 (224–225) AUX6 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET6
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET6 / 216). See text for details. It can be used to
compensate for offsets induced by the user design or PCB mounting.
7.6.3.80 AX7OFFSET 0xE2-E3 (226–227) AUX7 Offset Correction
BIT
NAME
DESCRIPTION
[15:10]
RSVD
Reserved — always write/read as zero
[9:0]
AUX_COFFSET7
User offset-adjustment register for AUX0 input. This 2's complement value will be added to the AUX
channel. The range is approximately –38.99 mV to 39.06 mV full scale in 1023 steps. The offset is
approximately equal to (5 V × AUXCOFFSET7 / 216). See text for details. It can be used to
compensate for offsets induced by the user design or PCB mounting.
7.6.3.81 TSTR_ECC 0xE6-ED (230–237) ECC Test Result[1:0]
BIT
NAME
DESCRIPTION
[31:0]
ECC_TEST_RSLT(x)
These values display the test result from running an ECC test using the TEST_CTRL[ECC_TEST]
bits.
Expected output for Correctable User ECC Test 0x18C3 FF8A 68A9 8069.
Expected output for Correctable Factory ECC Test 0xCC72 D182 80BA 9767.
Expected output for non-correctable User and Factory ECC tests is 0x0000 0000 0000 0000.
7.6.3.82 CSUM 0xF0–F3 (240–243) Checksum
BIT
NAME
DESCRIPTION
[31:0]
USER_CKSUM
This register contains the programmed checksum for the registers. See Table 7, column "CS" for
included registers. The FAULT_DEV[USER_CKSUM_ERR] flag will be set when this value does not
match the internally calculated value shown in CSUM_RSLT 0xF4–F7(244–247) Checksum Readout.
7.6.3.83 CSUM_RSLT 0xF4–F7(244–247) Checksum Readout
BIT
NAME
DESCRIPTION
[31:0]
USER_CKSUM_RD
This register contains the current internally calculated checksum for the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com