Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 40 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 36Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 37Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 38Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 39Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 40Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 41Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 42Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 43Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 125 page
background image
40
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
FAULT_AUX[AUX_UV_FAULT, AUX_OV_FAULT] will be continually set based on the currently stored ADC
result and threshold. This allows testing of the threshold and fault by changing the threshold without having to
sample the channel.
Example:
The design requires AUX0 and AUX1 undervoltage threshold at 1 V and AUX0 and AUX1 overvoltage
threshold at 3 V. The design requires that no FAULT pin activation result from AUX UV or OV conditions on
AUX2…AUX7. Set the following conditions:
AUX0_UV = 1 V, AUX0_OV = 3 V
AUX1_UV = 1 V, AUX1_OV = 3 V
AUX2_UV = 0 V, AUX2_OV = 5 V
AUX3_UV = 0 V, AUX3_OV = 5 V
AUX4_UV = 0 V, AUX4_OV = 5 V
AUX5_UV = 0 V, AUX5_OV = 5 V
AUX6_UV = 0 V, AUX6_OV = 5 V
AUX7_UV = 0 V, AUX7_OV = 5 V
7.3.12.8 Secondary Protectors: Analog Window Comparators for Cell UV/OV
Thirty-two analog comparators, connected in pairs as window comparators for the 16 channels, provide cell-
voltage monitoring that is separate from the main acquisition path and work in parallel with the main ADC route.
Configuration of the faults sensed by the analog window comparators is by the number of channels enabled in
the NCHAN register. In case of malfunction of the AFE or ADC, the analog comparators will still be able to flag
the crossing of the (register selectable) undervoltage and overvoltage comparator thresholds.
To avoid undesired comparator faults, two internal DACs set the separate overvoltage (COMP_OV) and
undervoltage (COMP_UV) thresholds. The DACs use the REF2 (4.5 V) reference, which is a separate circuit
from the 2.5 V (VREF) ADC reference. The OV threshold can range from 2 V to 5.175 V in steps of 25 mV. The
UV threshold can range from 0.7 V to 3.875 V in steps of 25 mV.
NOTE
When the cell voltage is very close to the comparator thresholds, enabling or disabling cell
balancing may result in transient comparator faults.
Use the DEVCONFIG[COMP_CONFIG] register to enable OV and UV faults, OV-only faults, or no faults.
Enabling UV-only faults is not possible.
NOTE
If the comparators are disabled then re-enabled during normal operation (such as after
startup has occurred), the OV faults are signaled and must be manually cleared.
7.3.12.8.1
Window Comparator Special Considerations
As shown in Figure 24, there are resistors of approximately 100
Ω in series with each VSENSE pin that isolate
the connections to the AFE from the secondary-protector circuits (window comparators). This isolator allows
detection of common-cause failures affecting both the AFE and secondary-protector circuits.
A Squeeze function in the device helps to detect open-sense wire (to the monitored cell) conditions. When the
Squeeze function turns on, it places an approximately 5-kΩ resistance across adjacent VSENSE inputs, and
creates an additional voltage drop through the approximately 100-
Ω series resistors. This causes the apparent
increase in the voltage applied to the window-comparator blocks immediately above, and below, the inputs that
have the Squeeze resistor applied. Only the comparators can see the increased voltage not the AFE. This in turn
may cause the OV comparator fault to trip, even if the external sense-pin voltage measurement says otherwise,
depending on the OV threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com