Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 61 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 60Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 61Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 62Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 63Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 64Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 125 page
background image
61
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
With the exception described previously, formation of the Broadcast Write with Response command frames can
be in a similar fashion to the various configuration examples in the Group Write with Response,
Group_Write_With_Response Command Frame.
As with the Group Write with Response commands frames, Broadcast Write with Response command frames
can utilize one of two formats to indicate the address of the highest device to respond and the number of bytes
expected in response from each targeted device. One format uses one byte to specify both the address of the
highest board in the response chain and the number of desired response bytes. The other format uses two bytes
to specify the address of the highest responding device and the desired number of response bytes separately
(first the address, then the number of bytes-1).
The two command frames that follow provide an example of each format.
An example of the two-byte method (to read the Communication Configuration register):
7
6
5
4
3
2
1
0
Command Frame Init
1
110 (binary)
0
010 (binary)
Register Address
10
Data (Address of highest responder)
03
Data (Number of response data bytes – 1)
01
CRC (MSB)
F6
CRC (LSB)
8D
For further details on how to interpret the data, refer to Register Details. A simplified overview of the meaning of
the data bytes in this example is in the following table.
BYTE (HEX)
BYTE (BINARY)
DESCRIPTION
E2
11100010
Command frame, Broadcast Write with Response = REQ_TYPE, 8-bit Register
Addressing, 2 data bytes = DATA_SIZE
10
00010000
Target Register Address (Communication Configuration Register)
03
00000011
Address of highest (first) device to respond
01
00000001
Number of data bytes –1 expected in response (that is, 2 bytes)
F6
11110110
CRC (MSB)
8D
10001101
CRC (LSB)
An example of the one-byte method (to read the Communication Configuration register):
7
6
5
4
3
2
1
0
Command Frame Init
1
110 (binary)
0
001 (binary)
Register Address
10
Data (Data Size and Address of highest
responder)
22
CRC (MSB)
DC
CRC (LSB)
1F
For further details on how to interpret the data, refer to Register Details. A simplified overview of the meaning of
the data bytes in this example is in the following table.
BYTE (HEX)
BYTE (BINARY)
DESCRIPTION
E1
11100001
Command frame, Broadcast Write with Response = REQ_TYPE, 8-bit Register
Addressing, 1 data byte = DATA_SIZE
10
00010000
Target Register Address (Communication Configuration Register)
22
001 00010
Upper three bits are Number of Data Bytes – 1 expected in response, lower 5 bits is
address of highest device to respond
DD
11011101
CRC
EF
11101111
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com