Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 69 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 65Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 66Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 67Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 68Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 69Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 70Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 71Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 72Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
69
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3 Register Details
NOTE
The terms "Write without Response", "Write", and "write" are equivalent and synonymous.
The words "Read" and "read" are equivalent to "Write with Response".
7.6.3.1 SREV 0x00-01 (0-1) Device Version
This register provides the digital and analog die revisions used in the bq76PL455A device.
BIT
NAME
DESCRIPTION
[15:8]
DDIE_VER
Digital die version number (byte address 0)
[7:0]
ADIE_VER
Analog die version number (byte address 1)
7.6.3.2 CMD 0x02 (2) Command
Write_With_Response requests directly targeted to this register cause the specified command to execute and the
corresponding results to return a response. The number of bytes returned will be based on the bits selected in
the CHANNELS register. Some bits in the CHANNELS register have more than one value returned, refer to their
descriptions under the CHANNELS register.
NOTE
This transaction will return results from the command, not a read of register values.
It is not possible to read the last value written to this register. Indirect reads of this register produce an undefined
value for this register.
A command sent to this register without writing the CHANNELS or OVERSMPL registers in the same frame uses
the values currently in those registers. If a command writes the CHANNELS or OVERSMPL registers in the same
frame then sends the command to the register, the new register values will overwrite the current register values
and the execution of the command uses the new values.
Requested values return MSB first in the order that they exist in the CHANNELS register, starting with the MSB
(Cell 16, Cell 15 …). No values return for bits not selected in the CHANNELS register.
BIT
NAME
DESCRIPTION
[7:6]
Reserved
Write these bits as 0.
[4:0]
resp_addr
If set by a Broadcast_Write_With_Response or Group_Write_With_Response request, devices will respond
in successive order. These bits set the address of the highest device in the group/set to respond. This
value has no effect for other transaction types.
7.6.3.3 CHANNELS 0x03–06 (3–6) Channel Select
When the indicated bit is set, the named channel is included when a CMD (COMMAND) is executed in the
Command register.
BIT
NAME
DESCRIPTION
[31:16]
CMD_VSEL
This bitmask determines which battery cell voltages are used when a COMMAND is executed.
CMD_VSEL[0] (bit 16) corresponds to cell 1, bit 31 corresponds to cell 16.
For each bit in this field:
0 = Do not include this cell voltage.
1 = Include this cell voltage.
[15:8]
CMD_ASEL
This bitmask determines which auxiliary channels are used when a COMMAND is executed.
CMD_ASEL[0] (bit 8) corresponds to AUX0.
For each bit in this field:
0 = Do not include this AUX channel.
1 = include this AUX channel.
[7]
CMD_GTSEL
Digital die temperature. Usually used as part of self-testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com