Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 78 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 74Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 75Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 76Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 77Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 78Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 79Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 80Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 81Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 125 page
background image
78
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Recommended setting: 0x00
7.6.3.21 SMPL_SLY1 0x3D (61) Initial Sampling Delay
BIT
NAME
DESCRIPTION
[7]
RSVD
Reserved — always write/read as zero.
[6:4]
INIT_VOL_DLY
This value specifies the delay from changing the MUX to the first cell voltage until the channel is
sampled. This delay is applied only once per sample request, even if oversampling is used.
0 = no delay (Recommended(1))*
1 = 2 µs
2 = 5 µs
3 = 10 µs
4 = 20 µs
5 = 50 µs
6 = 100 µs
7 = 200 µs
This value is useful when all the cell voltages should return values that are nearly the same, as it
allows one settling delay and shorter channel-to-channel delays.
See the Application and Implementation section for using non-zero settings in accordance with specific
design criteria requirements.
[3]
RSVD
Reserved — always write/read as zero
[2:0]
INIT_AUX_DLY
This value specifies the delay from changing the MUX to the first auxiliary channel until the channel is
sampled. This delay is applied only once per sample request, even if oversampling is used.
0 = no delay (Recommended(1))*
1 = 2 µs
2 = 5 µs
3 = 10 µs
4 = 20 µs
5 = 50 µs
6 = 100 µs
7 = 200 µs
This value is useful when all the AUX voltages should return values that are nearly the same, as it
allows one settling delay and shorter channel-to-channel delays.
See the Application and Implementation section for using non-zero settings in accordance with specific
design criteria requirements.
7.6.3.22 Cell_CSPER 0x3E (62) Cell Voltage and Internal Temperature Sampling Interval
BIT
NAME
DESCRIPTION
[7:4]
ADC_PERIOD_VOL
This value sets the ADC sampling interval that will be used for the cell voltages.
[3:0]
ADC_PERIOD_HTEMP
This value sets the ADC sampling interval that will be used for the analog die internal temperature
channel. See Table 9 for settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com