Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 15Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 18Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 19Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 20Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 21Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 22Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
VP Power Domain
VDD18
Power Domain
VDIG
Power
Domain
V5VAO
Power Domain
VIO Power Domain
FAULTH
COMMH
FAULTL
COMML
WAKEUP
TX/
RX
TX/
RX
TX/
RX
TX/
RX
LPR
GPIO
I/O
I/O
I/O
+10 V (from ANALOG die)
V5VAO (bypass cap)
VDIG
POR
V5VAO
LDO
Digital Control Logic
1.8 V LDO
OSC
I/O
HVGEN
EEPROM
ANALOG die I/O
VDD18
VDIG
VP
Level Shifters
VREF
TSD
TSENSE
MUX
ADC
AUX[0..7]
OUT2
VDD18
VREF
(bypass cap)
VP
VDIG
VDD18
V5VAO
VIO
KEY:
EEPROM
Programming
Voltage
Low-Power
Receiver
V5VAO
POR OK
Copyright © 2016, Texas Instruments Incorporated
19
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 14. Digital Die Power Domains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com