Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 60 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 56Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 57Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 58Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 59Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 60Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 61Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 62Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 63Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 125 page
background image
60
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7
6
5
4
3
2
1
0
Command Frame Init
1
010 (binary)
0
001 (binary)
Group ID
01
Register Address
03
Data (Address of Highest Device in Group to
Respond)
62
CRC (MSB)
F3
CRC (LSB)
25
For details on how to interpret the data, refer to Register Details. A simplified overview of the meaning of the
data bytes in this example is in the following table.
BYTE (HEX)
BYTE (BINARY)
DESCRIPTION
A1
1 010 0 001
Command frame, Group Write with Response = REQ_TYPE, 8-bit Register Addressing, 1
data byte = DATA_SIZE
01
00000001
Target is Group ID = 01
03
00000011
Target Register = 03 (Command Channel Select Register)
62
011 00010
Upper three bits are Number of Data Bytes – 1 expected in response, lower 5 bits is
address of highest device in group to respond
F3
11110011
CRC (MSB)
25
00100101
CRC (LSB)
NOTE
Although not recommended, each of the configurations can also use 16-bit register
addressing, which would add another byte for the MSB of the register address to the
command frame.
7.5.3.4 Group Write without Response Command Frame
A Group Write without Response command is indicated when FRM_TYPE = 1 and REQ_TYPE = 3 (011 binary).
In this example, the register address size is 8-bits (ADDR_SIZE = 0) and the data length written is 1 byte
(DATA_SIZE). No Response Frame is expected to be returned.
In response to this example command frame, each bq76PL455A in the target group will write the value in the
data byte to the target register (the Averaging Register in this example). For more information on the effect of this
example command frame, see Register Details.
7
6
5
4
3
2
1
0
Command Frame Init
1
011 (binary)
0
001 (binary)
Group ID
01
Register Address
07
Data
7B
CRC (MSB)
34
CRC (LSB)
EF
7.5.3.5 Broadcast Write with Response Command Frame
As with the Single Write and Group Write with Response command frames, the interpretation of the Broadcast
Write with Response command frame bytes will be different when the target register is the Command Register
(address 2) compared to when the target is another register. Determination of response frame lengths when the
command frame targets the Command Register will be by the content of the Channel Select Register of each
targeted bq76PL455A device.
Broadcast Write command frames do not contain a Device Address/Group ID byte. This is the primary deviation
from the examples already provided in the Group Write with Response section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com