Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 98 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 94Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 95Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 96Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 97Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 98Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 99Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 100Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 101Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 125 page
background image
BAT16S
500 ohm
BAT0
C30
BAT15_F
BAT0
C45
BAT14_F
BAT0
BAT13_F
BAT0
BAT12_F
BAT0
BAT0
BAT11_F
BAT10_F
BAT0
BAT9_F
C50
BAT0
BAT8_F
C51
BAT0
BAT7_F
C52
BAT0
BAT6_F
C53
BAT0
BAT5_F
BAT0
BAT4_F
BAT0
BAT3_F
BAT0
BAT0
C57
BAT2_F
BAT0
BAT1_F
C58
BAT0S_F
BAT0
3300 pF
C61
500 ohm
L17
500 ohm
L1
500 ohm
L2
500 ohm
L3
500 ohm
L4
BAT16S_F
500 ohm
500 ohm
L7
500 ohm
L8
500 ohm
L9
500 ohm
L10
500 ohm
L11
BAT0
500 ohm
500 ohm
L13
500 ohm
L14
500 ohm
L15
L16
C55
L6
500 ohm
L12
L5
BAT0S is the sense point to the negative
terminal of CELL1. BAT0 is the power
plane for the negative terminal of the cell
stack.
C43
C46
C47
C48
C49
C56
+
±
BAT0S
98
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
Figure 29. EMC Filter on Cell Inputs
The AUX_ inputs are single ended, which makes them vulnerable to noisy environments. In order to achieve
more accurate results in extremely noisy environments, it is recommended to use to AUX_ inputs to form a
pseudo-differential measurement. One example is shown in . In this example, AUX1 is used to measure the high
side of the connection, while AUX0 is used to measure the low-side of the connection. The AUX0 measurement
is then subtracted from the AUX1 measurement in order to get a differential measurement that is more accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com