Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 16Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 17Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 18Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 19Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 20Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 21Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 22Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 23Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 125 page
background image
TOP
VP
VDIG
V10VAO
KEY:
VP Power Domain
VDIG Power Domain
VM
Power Domain
VM Monitor
REF2
TOP
V10VAO
Power Domain
VM
VSENSEn
VSENSEn-1
Window Comparators
VSENSE ...
TOP
TSD
LDO
TSENSE
Balancing
Control
Circuits
Control
Registers
Cell
AFE/
Mux
V
Measurement
MODULE
Copyright © 2016, Texas Instruments Incorporated
20
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 15. Analog Die Power Domains
7.3.1.1.1
TOP Pin Connection
The bq76PL455A has a connection from the top of the cell-module battery stack to the TOP pin, typically through
an external-series resistor and capacitor to GND forming a low-pass filter. The low-pass filter design typically has
a similar time constant to the VSENSE input pins. The minimum recommended values are 100
Ω and 0.1 µF.
See the Application and Implementation section for details.
7.3.1.1.2
V10VAO
V10VAO is an internal-only, always on, pre-regulator supplied from the TOP pin. It supplies the power to the
V5VAO block, Analog Die TSD block, and VP control and regulator circuits. It is not externally accessible.
7.3.1.1.3
V5VAO
V5VAO is the always-on power supply that ensures power is supplied to the differential communications circuits
(COMML+/–) and the WAKEUP input at all times. This ensures that the IC always detects the WAKEUP signal
and the differential communications receive the WAKE tone. The V5VAO is supplied by a combination of an
internal regulator and the VDIG supply. If VDIG falls below the normal operating voltage (during startup), the
internal regulator supplies V5VAO. Once VDIG reaches regulation, V5VAO is supplied directly from VDIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com