Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76PL455APFCT Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455APFCT
Description  16-Cell Industrial Integrated Battery Monitor
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455APFCT Datasheet(HTML) 87 Page - Texas Instruments

Back Button BQ76PL455APFCT Datasheet HTML 83Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 84Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 85Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 86Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 87Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 88Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 89Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 90Page - Texas Instruments BQ76PL455APFCT Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 125 page
background image
87
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6.3.41 GPIO_DIR 0x78 (120) General Purpose IO Direction
BIT
NAME
DESCRIPTION
[7:6]
RSVD
Reserved — always write/read as zero
[5:0]
GPO_EN
This bitmask enables the GPIO pins to behave as GPI or GPO:
0: Input
1: Output
GPO_EN[0] corresponds to GPIO0.
7.6.3.42 GPIO_OUT 0x79 (121) General Purpose Output
BIT
NAME
DESCRIPTION
[7:6]
RSVD
Reserved — always write/read as zero
[5:0]
GPO
This bitmask sets the output state for each GPIO pin when the corresponding bit of GPO_EN = 1. GPO[0]
corresponds to GPIO0.
0: the GPIO output is 0.
1: the GPIO output is 1.
7.6.3.43 GPIO_PU 0x7A (122) General Purpose Pull-Up
BIT
NAME
DESCRIPTION
[7:6]
RSVD
Reserved — always write/read as zero
[5:0]
GPO_PU
Setting any bit to 1 turns the respective GPIO pull-up on.
Note: Care should be taken not to turn on a bit at same time as the corresponding GPO_PD bit in
register GPIO_PD.
7.6.3.44 GPIO_PD 0x7B (123) General Purpose Pull-Down
BIT
NAME
DESCRIPTION
[7:6]
RSVD
Reserved — always write/read as zero
[5:0]
GPO_PD
Setting any bit to 1 turns the respective GPIO pull-down on.
Note: Care should be taken not to turn on a bit at same time as the corresponding GPO_PU bit in
register GPIO_PU.
7.6.3.45 GPIO_IN 0x7C (124) General Purpose Input
[7:6]
RSVD
Reserved — always read as zero
[5:0]
GPI
Reports the current value of the GPIO pin. GPI[0] corresponds to GPIO0.
7.6.3.46 GP_FLT_IN 0x7D (125) General Purpose Fault Input
BIT
NAME
DESCRIPTION
[7]
RSVD
Reserved — always read as zero
[6]
GPI_FAULT_SENSE
0 = GPIO fault inputs will create a fault if low.
1 = GPIO fault inputs will create a fault if high.
[5:0]
GPI_FAULT_CONFIG
This bitmask sets which of the GPIO pins are treated as fault inputs.
Note that this setting does not prevent the I/O pin from being driven by the device. This feature may be
used as a part of self-test.
7.6.3.47 MAGIC1 0x82–85 (130–133) Magic1
BIT
NAME
DESCRIPTION
[31:0]
MAGIC1
Magic value to enable EEPROM programming. This value must be written in a single frame. Reads
always return zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com