Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 109Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 110Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 111Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 112Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 113Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 114Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 115Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 116Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 335 page
background image
Functional Description and Application Information
Serial Communication Interface (S08SCIV4)
MM912F634
Freescale Semiconductor
113
4.15.2.5
SCI Status Register 2 (SCIS2)
This register has one read-only status flag.
1
FE
Framing Error Flag
— FE is set at the same time as RDRF when the receiver detects a logic 0 where the stop bit was
expected. This suggests the receiver was not properly aligned to a character frame. To clear FE, read SCIS1 with FE = 1 and
then read the SCI data register (SCID).
0 No framing error detected. This does not guarantee the framing is correct.
1 Framing error.
0
PF
Parity Error Flag
— PF is set at the same time as RDRF when parity is enabled (PE = 1) and the parity bit in the received
character does not agree with the expected parity value. To clear PF, read SCIS1 and then read the SCI data register (SCID).
0 No parity error.
1 Parity error.
Table 134. SCI Status Register 2 (SCIS2)
Offset(94) 0x45
Access: User read/write
76
543
210
R
LBKDIF
RXEDGIF
0
RXINV(92)
RWUID
BRK13
LBKDE
RAF
W
Reset
0
000
00
00
Note:
94. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 135. SCIS2 Field Descriptions
Field
Description
7
LBKDIF
LIN Break Detect Interrupt Flag
— LBKDIF is set when the LIN break detect circuitry is enabled and a LIN break character is
detected. LBKDIF is cleared by writing a “1” to it.
0 No LIN break character has been detected.
1 LIN break character has been detected.
6
RXEDGIF
RxD Pin Active Edge Interrupt Flag
— RXEDGIF is set when an active edge (falling if RXINV = 0, rising if RXINV=1) on the
RxD pin occurs. RXEDGIF is cleared by writing a “1” to it.
0 No active edge on the receive pin has occurred.
1 An active edge on the receive pin has occurred.
4
RXINV(95)
Receive Data Inversion
— Setting this bit reverses the polarity of the received data input.
0 Receive data not inverted
1 Receive data inverted
3
RWUID
Receive Wake Up Idle Detect
— RWUID controls whether the idle character that wakes up the receiver sets the IDLE bit.
0 During receive standby state (RWU = 1), the IDLE bit does not get set upon detection of an idle character.
1 During receive standby state (RWU = 1), the IDLE bit gets set upon detection of an idle character.
2
BRK13
Break Character Generation Length
— BRK13 is used to select a longer transmitted break character length. Detection of a
framing error is not affected by the state of this bit.
0 Break character is transmitted with length of 10 bit times (11 if M = 1)
1 Break character is transmitted with length of 13 bit times (14 if M = 1)
1
LBKDE
LIN Break Detection Enable
— LBKDE is used to select a longer break character detection length. While LBKDE is set, framing
error (FE) and receive data register full (RDRF) flags are prevented from setting.
0 Break character detection enabled.
1 Break character detection disabled.
Note:
95. Setting RXINV inverts the RxD input for all cases: data bits, start and stop bits, break, and idle.
Table 133. SCIS1 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com