Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 112Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 113Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 114Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 115Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 116Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 117Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 118Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 119Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 335 page
background image
Functional Description and Application Information
Serial Communication Interface (S08SCIV4)
MM912F634
Freescale Semiconductor
116
4.15.3.2
Transmitter Functional Description
This section describes the overall block diagram for the SCI transmitter, as well as specialized functions for sending break and
idle characters. The transmitter block diagram is shown in Figure 31.
The transmitter output (TxD) idle state defaults to logic high (TXINV = 0 following reset). The transmitter output is inverted by
setting TXINV = 1. The transmitter is enabled by setting the TE bit in SCIC2. This queues a preamble character that is one full
character frame of the idle state. The transmitter then remains idle until data is available in the transmit data buffer. Programs
store data into the transmit data buffer by writing to the SCI data register (SCID).
The central element of the SCI transmitter is the transmit shift register that is either 10 or 11 bits long depending on the setting
in the M control bit. For the remainder of this section, we will assume M = 0, selecting the normal 8-bit data mode. In 8-bit data
mode, the shift register holds a start bit, eight data bits, and a stop bit. When the transmit shift register is available for a new SCI
character, the value waiting in the transmit data register is transferred to the shift register (synchronized with the baud rate clock)
and the transmit data register empty (TDRE) status flag is set to indicate another character may be written to the transmit data
buffer at SCID.
If no new character is waiting in the transmit data buffer after a stop bit is shifted out the TxD pin, the transmitter sets the transmit
complete flag and enters an idle mode, with TxD high, waiting for more characters to transmit.
Writing 0 to TE does not immediately release the pin to be a general-purpose I/O pin. Any transmit activity that is in progress
must first be completed. This includes data characters in progress, queued idle characters, and queued break characters.
4.15.3.2.1
Send Break and Queued Idle
The SBK control bit in SCIC2 is used to send break characters which were originally used to gain the attention of old teletype
receivers. Break characters are a full character time of logic 0 (10 bit times including the start and stop bits). A longer break of
13 bit times can be enabled by setting BRK13 = 1. Normally, a program would wait for TDRE to become set to indicate the last
character of a message has moved to the transmit shifter, then write 1 and then write 0 to the SBK bit. This action queues a break
character to be sent as soon as the shifter is available. If SBK is still 1 when the queued break moves into the shifter
(synchronized to the baud rate clock), an additional break character is queued. If the receiving device is another Freescale
Semiconductor SCI, the break characters will be received as 0s in all eight data bits and a framing error (FE = 1) occurs.
When idle-line wake-up is used, a full character time of idle (logic 1) is needed between messages to wake up any sleeping
receivers. Normally, a program would wait for TDRE to become set to indicate the last character of a message has moved to the
transmit shifter, then write 0 and then write 1 to the TE bit. This action queues an idle character to be sent as soon as the shifter
is available. As long as the character in the shifter does not finish while TE = 0, the SCI transmitter never actually releases control
of the TxD pin. If there is a possibility of the shifter finishing while TE = 0, set the general-purpose I/O controls so the pin that is
shared with TxD is an output driving a logic 1. This ensures that the TxD line will look like a normal idle line even if the SCI loses
control of the port pin between writing 0 and then 1 to TE.
The length of the break character is affected by the BRK13 and M bits as shown below.
Table 139. Break Character Length
BRK13
M
Break Character Length
0
0
10 bit times
0
1
11 bit times
1
0
13 bit times
1
1
14 bit times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com