Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 115Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 116Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 117Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 118Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 119Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 120Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 121Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 122Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 335 page
background image
Functional Description and Application Information
Serial Communication Interface (S08SCIV4)
MM912F634
Freescale Semiconductor
119
At any time, an active edge on the RxD serial data input pin causes the RXEDGIF flag to set. The RXEDGIF flag is cleared by
writing a “1” to it. This function does depend on the receiver being enabled (RE = 1).
4.15.3.5
Additional SCI Functions
The following sections describe additional SCI functions.
4.15.3.5.1
8- and 9-Bit Data Modes
The SCI system (transmitter and receiver) can be configured to operate in 9-bit data mode by setting the M control bit in SCIC1.
In 9-bit mode, there is a ninth data bit to the left of the MSB of the SCI data register. For the transmit data buffer, this bit is stored
in T8 in SCIC3. For the receiver, the ninth bit is held in R8 in SCIC3.
For coherent writes to the transmit data buffer, write to the T8 bit before writing to SCID.
If the bit value to be transmitted as the ninth bit of a new character is the same as for the previous character, it is not necessary
to write to T8 again. When data is transferred from the transmit data buffer to the transmit shifter, the value in T8 is copied at the
same time data is transferred from SCID to the shifter.
9-bit data mode typically is used in conjunction with parity to allow eight bits of data plus the parity in the ninth bit. Or it is used
with address-mark wake-up so the ninth data bit can serve as the wake-up bit. In custom protocols, the ninth bit can also serve
as a software-controlled marker.
4.15.3.5.2
Stop Mode Operation
During all stop modes, clocks to the SCI module are halted.
In stop1 and stop2 modes, all SCI register data is lost and must be re-initialized upon recovery from these two stop modes. No
SCI module registers are affected in stop3 mode.
The receive input active edge detect circuit is still active in stop3 mode, but not in stop2. An active edge on the receive input
brings the CPU out of stop3 mode if the interrupt is not masked (RXEDGIE = 1).
Note that because the clocks are halted, the SCI module will resume operation upon exit from stop (only in stop3 mode). Software
should ensure stop mode is not entered while there is a character being transmitted out of or received into the SCI module.
4.15.3.5.3
Loop Mode
When LOOPS = 1, the RSRC bit in the same register chooses between loop mode (RSRC = 0) or single-wire mode (RSRC = 1).
Loop mode is sometimes used to check software, independent of connections in the external system, to help isolate system
problems. In this mode, the transmitter output is internally connected to the receiver input and the RxD pin is not used by the SCI,
so it reverts to a general purpose port I/O pin.
4.15.3.5.4
Single-wire Operation
When LOOPS = 1, the RSRC bit in the same register chooses between loop mode (RSRC = 0) or single-wire mode (RSRC = 1).
Single-wire mode is used to implement a half-duplex serial connection. The receiver is internally connected to the transmitter
output and to the TxD pin. The RxD pin is not used and reverts to a general purpose port I/O pin.
In single-wire mode, the TXDIR bit in SCIC3 controls the direction of serial data on the TxD pin. When TXDIR = 0, the TxD pin
is an input to the SCI receiver and the transmitter is temporarily disconnected from the TxD pin so an external device can send
serial data to the receiver. When TXDIR = 1, the TxD pin is an output driven by the transmitter. In single-wire mode, the internal
loop back connection from the transmitter to the receiver causes the receiver to receive characters that are sent out by the
transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com