Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 119Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 120Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 121Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 122Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 123Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 124Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 125Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 335 page
background image
Functional Description and Application Information
General Purpose I/O - PTB[0…2]
MM912F634
Freescale Semiconductor
123
4.17.4.3
Port B Data Register (PTB)
Table 149. Port B Data Register (PTB)
Offset(103) 0x22
Access: User read/write
76
543
210
R
0
000
0
PTB2
PTB1
PTB0
W
Reset
0
000
00
00
Note:
103. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 150. PTB - Register Field Descriptions
Field
Description
2-0
PTB[2-0]
Port B general purpose input/output data — Data Register
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the buffered
and synchronized pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com