Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 123Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 124Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 125Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 127Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 128Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 129Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 130Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
127
4.18.3.3
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register diagram with an
associated figure number. Details of register bit and field function follow the register diagrams, in bit order.
4.18.3.3.1
Timer Input Capture/Output Compare Select (TIOS)
4.18.3.3.2
Timer Compare Force Register (CFORC)
Table 152. Timer Input Capture/Output Compare Select (TIOS)
Offset(108) 0xC0
Access: User read/write
76
543
210
R
0
000
IOS3
IOS2
IOS1
IOS0
W
Reset
0
000
00
00
Note:
108. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 153. TIOS - Register Field Descriptions
Field
Description
3-0
IOS[3-0]
Input Capture or Output Compare Channel Configuration
0 - The corresponding channel acts as an input capture.
1 - The corresponding channel acts as an output compare.
Table 154. Timer Compare Force Register (CFORC)
Offset(109) 0xC1
Access: User read/write
76
543
210
R
0
000
00
00
W
FOC3
FOC2
FOC1
FOC0
Reset
0
000
00
00
Note:
109. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 155. CFORC - Register Field Descriptions
Field
Description
3-0
FOC[3-0]
Force Output Compare Action for Channel 3-0
0 - Force Output Compare Action disabled. Input Capture or Output Compare Channel Configuration
1 - Force Output Compare Action enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com