Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 126Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 127Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 128Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 129Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 130Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 131Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 132Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 133Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 335 page
background image
Functional Description and Application Information
Basic Timer Module - TIM (TIM16B4C)
MM912F634
Freescale Semiconductor
130
4.18.3.3.7
Timer Toggle On Overflow Register 1 (TTOV)
NOTE
TOVn toggles output compare pin on overflow. This feature only takes effect when the
corresponding channel is configured for an output compare mode. When set, an overflow
toggle on the output compare pin takes precedence over forced output compare events.
Table 163. TSCR1 - Register Field Descriptions
Field
Description
7
TEN
Timer Enable
1 = Enables the timer.
0 = Disables the timer. (Used for reducing power consumption).
4
TFFCA
Timer Fast Flag Clear All
1 = For TFLG1 register, a read from an input capture or a write to the output compare channel [TC 3:0] causes the
corresponding channel flag, CnF, to be cleared.For TFLG2 register, any access to the TCNT register clears the TOF flag.
Any access to the PACNT registers clears the PAOVF and PAIF bits in the PAFLG register. This has the advantage of
eliminating software overhead in a separate clear sequence. Extra care is required to avoid accidental flag clearing due to
unintended accesses.
0 = Allows the timer flag clearing.
Table 164. Timer Toggle On Overflow Register 1 (TTOV)
Offset(114) 0xC7
Access: User read/write
76
543
210
R
0
000
TOV3
TOV2
TOV1
TOV0
W
Reset
0
000
00
00
Note:
114. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 165. TTOV - Register Field Descriptions
Field
Description
3-0
TOV[3-0]
Toggle On Overflow Bits
1 = Toggle output compare pin on overflow feature enabled.
0 = Toggle output compare pin on overflow feature disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com